Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4409 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN4409
Szczegółowy opis  Using the same antenna for M24LRXXE-R and M24SRXX-Y Dual Interface EEPROM families
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4409 Arkusz danych(HTML) 6 Page - STMicroelectronics

  AN4409 Datasheet HTML 1Page - STMicroelectronics AN4409 Datasheet HTML 2Page - STMicroelectronics AN4409 Datasheet HTML 3Page - STMicroelectronics AN4409 Datasheet HTML 4Page - STMicroelectronics AN4409 Datasheet HTML 5Page - STMicroelectronics AN4409 Datasheet HTML 6Page - STMicroelectronics AN4409 Datasheet HTML 7Page - STMicroelectronics AN4409 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Tuning capacitance specification vs tuning reference value
AN4409
6/8
DocID025583 Rev 1
Table 2 here after summarizes the M24LRXXE-R and M24SRXX-Y tuning parameters
For more information about the target tuning capacitance for antenna design, please refer to
the application note AN3942 “M24LR series internal capacitance considerations for antenna
tuning” that discusses this point in details for the M24LR series.
Table 2. Tuning parameters for M24LRXXE-R and M24SRXX-R
M24LRXXE-R
M24SRXX-R
Antenna tuning
frequency
13.56MHz-14MHz
14MHz-14.4MHz
Cdatasheet
27.5pF
25pF
CS_VRF_min
29pF
27.3pF



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com