Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4430 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części AN4430
Szczegółowy opis  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 5Page - STMicroelectronics AN4430 Datasheet HTML 6Page - STMicroelectronics AN4430 Datasheet HTML 7Page - STMicroelectronics AN4430 Datasheet HTML 8Page - STMicroelectronics AN4430 Datasheet HTML 9Page - STMicroelectronics AN4430 Datasheet HTML 10Page - STMicroelectronics AN4430 Datasheet HTML 11Page - STMicroelectronics AN4430 Datasheet HTML 12Page - STMicroelectronics AN4430 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID025722 Rev 1
9/42
AN4430
Android Application Overview
41
Figure 1. Android diagram
NFC features can easily be mapped on this architecture.
NFC phone has to be NFC capable with an HW NFC chips controlled by a NFC driver
provided by the chip constructor. This driver is running in the Linux kernel with super user
rights. Upon this driver a NFC stack also provided by the chip constructor or by the phone
constructor located in libraries layers ensures interfacing between driver low level layer and
android stack which implements the android API in application framework and more
specifically the NFC Android API overviewed later on in this application note.
1.2.2
Android API
Android API is the upper software layer exposed to the developer. This API is based on the
core Java APIs and consists of a set of packages defining classes that ease the use of
android feature and the device components. This API is built with multiple packages like:
•
Widget – UI components,
•
Telephony – cell network, call, GSM, CDMA
•
Media – audio, video
•
Content – content providers,
•
Database – SQLLite
•
XML – SAX, pull parser
•
Hardware – camera, sensor, usb, nfc
•
..
As Android is in constant development phase, packages are still improved by the android
consortium, new features are added. Therefore, as some feature appears, API version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com