Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1535 Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części UM1535
Szczegółowy opis  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 9Page - STMicroelectronics UM1535 Datasheet HTML 10Page - STMicroelectronics UM1535 Datasheet HTML 11Page - STMicroelectronics UM1535 Datasheet HTML 12Page - STMicroelectronics UM1535 Datasheet HTML 13Page - STMicroelectronics UM1535 Datasheet HTML 14Page - STMicroelectronics UM1535 Datasheet HTML 15Page - STMicroelectronics UM1535 Datasheet HTML 16Page - STMicroelectronics UM1535 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
UM1535
Working with pre-flashed software
Doc ID 023036 Rev 2
13/39
1.
Plug the card into the board slot and wait for the Linux kernel to autodetect it (you can
see active kernel messages on the terminal)
2.
Mount the card's file system:
# mount /dev/mmcblk0p1 /mnt
Now the card's file system can be accessed under the /mnt directory.
3.
Transfer files as usual (for example, cp command)
4.
When finished, unmount the card:
# umount /mnt
5.
Now you can physically remove the card.
2.6
Using a SATA hard disk
Some evaluation boards (currently EVALSP1340CPU) support SATA.
An example of the operation sequence for a SATA hard disk is the following:
1.
Mount the SATA file system:
# mount /dev/sda1 /mnt
2.
Now the SATA file system can be accessed under /mnt directory.
3.
Transfer files as usual (for example, cp command).
4.
When finished, unmount the SATA:
# umount /mnt
5.
Now you can physically unplug the SATA.
2.7
Entering the U-Boot resident monitor
The U-Boot resident monitor offers an interactive command-line interface that can be used
through the serial console. U-Boot is executed before starting the Linux OS. In order to
interrupt the normal boot process and enter U-Boot operation mode, press a key from the
virtual terminal on the Windows or Linux PC during the initial period (after hardware reset)
when the following message is displayed:
Hit SPACE to stop autoboot: _
To obtain a full list of U-Boot commands available on SPEAr board, enter the "help"
command or simply type the "?" character. When "help" is followed by a command name, a
description of that specific command is displayed.
The following subsections describe basic usage scenarios.
Please note that command results are only shown as examples and can look slightly
different depending on the evaluation board and software version you use.
Detailed documentation about the described commands, as well as additional ones, may be
found on the main U-Boot Web site: http://www.denx.de/wiki/U-Boot.
Note:
Not all the commands mentioned in denx are implemented in U-Boot.
2.7.1
Information commands
To report the U-Boot version currently available on the evaluation board Flash memory,
execute the "version" command:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39