| Zakładka z wyszukiwarką danych komponentów |
|
UM1561 Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1561 Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 39 page ![]() UM1561 Data sensing section for the closed loop control Doc ID 023556 Rev 1 17/39 TIM_TimeBaseStructure.TIM_ClockDivision = 0; TIM_TimeBaseStructure.TIM_CounterMode = TIM_CounterMode_CenterAligned1; TIM_TimeBaseStructure.TIM_RepetitionCounter = 1; TIM_TimeBaseInit(TIM8, &TIM_TimeBaseStructure); TIM_SelectOutputTrigger(TIM8, TIM_TRGOSource_Update); } where: ● TIM_SelectOutputTrigger(TIM8, TIM_TRGOSource_Update); is (Configures the TIM8 as trigger for ADC1 and ADC2). DS_DMA_Configuration(..): The direct memory access (DMA1) peripheral is configured to store the information acquired by the ADC in a buffer called the data register. It is a vector that includes all the I/O information, for example AC line voltage, AC line current, DC bus voltage, DC panel current, and DC panel voltage. /************************************************************************* * Function Name : DS_DMA_Configuration * Description : Analog to digital converter configuration * Input : NONE * Return : None *************************************************************************/ void DS_DMA_Configuration(void) { /* DMA1 channel1 configuration ----------------------------------------*/ DMA_DeInit(DMA1_Channel1); DMA_InitStructure.DMA_PeripheralBaseAddr = ADC1_DR_Address; DMA_InitStructure.DMA_MemoryBaseAddr = (vu32)DataSensing.Init.DataRegister; DMA_InitStructure.DMA_DIR = DMA_DIR_PeripheralSRC; DMA_InitStructure.DMA_BufferSize = DataSensing.Init.RegisterSize; DMA_InitStructure.DMA_PeripheralInc = DMA_PeripheralInc_Disable; DMA_InitStructure.DMA_MemoryInc = DMA_MemoryInc_Enable; DMA_InitStructure.DMA_PeripheralDataSize = DMA_PeripheralDataSize_Word; DMA_InitStructure.DMA_MemoryDataSize = DMA_MemoryDataSize_Word; DMA_InitStructure.DMA_Mode = DMA_Mode_Circular; DMA_InitStructure.DMA_Priority = DMA_Priority_High; DMA_InitStructure.DMA_M2M = DMA_M2M_Disable; DMA_Init(DMA1_Channel1, &DMA_InitStructure); /* Enable DMA1 channel1 */ DMA_Cmd(DMA1_Channel1, ENABLE); /* Clear channel1 transfer complete flag */ |