Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1632 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części UM1632
Szczegółowy opis  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Arkusz danych(HTML) 4 Page - STMicroelectronics

  UM1632 Datasheet HTML 1Page - STMicroelectronics UM1632 Datasheet HTML 2Page - STMicroelectronics UM1632 Datasheet HTML 3Page - STMicroelectronics UM1632 Datasheet HTML 4Page - STMicroelectronics UM1632 Datasheet HTML 5Page - STMicroelectronics UM1632 Datasheet HTML 6Page - STMicroelectronics UM1632 Datasheet HTML 7Page - STMicroelectronics UM1632 Datasheet HTML 8Page - STMicroelectronics UM1632 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DALI information
UM1632
4/32
DocID024513 Rev 1
The protocol used on these cables is a standard serial protocol.There is 1 start bit, 8 data
bits and 2 stop bits.The communication speed is fixed at 1200 Bd.Manchester coding is
used for improved resynchronization: rising edge is logical 1 and falling edge is logical 0.
Bytes are grouped into frames. One frame usually consists of 1 or 2 bytes, which is either
data only (answer from the device) or address + data (command to device).
Voltage levels present on DALI communication wires are higher than the transistor-
transistor logic (TTL) levels that are usually used. This is to provide better noise immunity to
higher interference from nearby power installation cables. Voltage levels are defined as
follows:
•
Low level state:
–
-4.5 to 4.5 V (transmitter)
–
-6.5 to 6.5 V (receiver)
•
High level state:
–
11.5 to 20.5 V (transmitter)
–
9.5 ... 22.5 V (receiver)
The low level state is dominant on the DALI bus. The device can force this level on the DALI
bus by shorting the DALI wires. Consequently, current levels are defined for devices used
on the DALI bus. There are two device types:
1.
DALI master or DALI slave communication devices. In these devices, the current is
sunk from the DALI bus. They consume a maximum of 2 mA to receive high level state
and sink a minimum of 250 mA to transmit low level state.
2.
DALI power supply. These devices power the DALI bus and are the source current for
it. Supply is limited to a maximum of 250 mA
The maximum length of the DALI bus depends on the cables used for the DALI
communication wires. The length is linearly dependent on the cross section of the
conductor. For example, a 1.5 mm2 cable (typically used in light installation cables) allows a
maximum bus length of up to 300 m.
Collisions between several DALI masters on the DALI bus are resolved on the basis of
timing priorities. When a collision is detected (the DALI master should check the sent data),
communication is muted for a period of time according to the assigned master priority. There
are five defined priority levels: 12 ms, 13 ms, 14 ms, 15 ms, and 16 ms. The longer the
waiting time, the lower the priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com