| Zakładka z wyszukiwarką danych komponentów |
|
UM1653 Arkusz danych(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1653 Arkusz danych(HTML) 32 Page - STMicroelectronics |
|
32 / 45 page ![]() NAND driver firmware modules UM1653 32/45 DocID025024 Rev 1 Table 50. FSMC_LBLK_NAND_CopyBack Function name FSMC_LBLK_NAND_CopyBack. Prototype uint32_t FSMC_LBLK_NAND_CopyBack(NAND_ADDRESS src, NAND_ADDRESS dest) Behavior description Copies One Page from Source Address to Destination Address without utilizing external Memory. Input parameter src: Source Address. dest: Destination Address. Output parameter The status of the NAND memory. This parameter can be: – NAND_BUSY: when memory is busy. – NAND_READY: when memory is ready for the next operation. – NAND_ERROR: when the previous operation generates error. Table 51. FSMC_NAND_ReadStatus Function name FSMC_NAND_ReadStatus. Prototype uint32_t FSMC_NAND_ReadStatus(void) Behavior description Reads the NAND memory status using the Read status command. Input parameter None Output parameter The status of the NAND memory. This parameter can be: – NAND_BUSY: when memory is busy. – NAND_READY: when memory is ready for the next operation. – NAND_ERROR: when the previous operation generates Error. Table 52. FSMC_NAND_AddressIncrement Function name FSMC_NAND_AddressIncrement. Prototype uint32_t FSMC_NAND_AddressIncrement(NAND_ADDRESS* Address) Behavior description Increments the NAND memory address. Input parameter Address: address to increment. Output parameter The new status of the increment address operation. It can be: – NAND_VALID_ADDRESS: When the new address is valid address. – NAND_INVALID_ADDRESS: When the new address is invalid address. Table 53. FSMC_NAND_ONFI_Compliance Function name FSMC_NAND_ONFI_Compliance. Prototype void FSMC_NAND_ONFI_Compliance(void) Behavior description Selects the ONFI NAND Type & sets the Required Parameter accordingly. NAND may be SBLK_NAND or LBLK_NAND. Input parameter None Output parameter None |