Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL-S40A-12 Arkusz danych(PDF) 1 Page - BetLux Electronics

Numer części BL-S40A-12
Szczegółowy opis  10.16mm (0.4) Single digit numeric display series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BETLUX [BetLux Electronics]
Strona internetowa  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S40A-12 Arkusz danych(HTML) 1 Page - BetLux Electronics

  BL-S40A-12 Datasheet HTML 1Page - BetLux Electronics BL-S40A-12 Datasheet HTML 2Page - BetLux Electronics BL-S40A-12 Datasheet HTML 3Page - BetLux Electronics BL-S40A-12 Datasheet HTML 4Page - BetLux Electronics BL-S40A-12 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S40X-12
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
10.16mm (0.4”) Single digit numeric display series.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S40A-12S-XX
BL-S40B-12S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
8
BL-S40A-12D-XX
BL-S40B-12D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
15
BL-S40A-12UR-XX
BL-S40B-12UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
17
BL-S40A-12E-XX
BL-S40B-12E-XX
Red
GaAsP/GaP
635
2.10
2.50
10
BL-S40A-12Y-XX
BL-S40B-12Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
10
BL-S40A-12G-XX
BL-S40B-12G-XX
Green
GaP/GaP
570
2.20
2.50
10
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S40A-12UHR-XX
BL-S40B-12UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
17
BL-S40A-12UE-XX
BL-S40B-12UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
13
BL-S40A-12YO-XX
BL-S40B-12YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
13
BL-S40A-12UY-XX
BL-S40B-12UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
13
BL-S40A-12UG-XX
BL-S40B-12UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
15
BL-S40A-12PG-XX
BL-S40B-12PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
20
BL-S40A-12B-XX
BL-S40B-12B-XX
Ultra Blue
InGaN
470
2.70
4.20
26
BL-S40A-12W-XX
BL-S40B-12W-XX
Ultra White
InGaN
/
2.70
4.20
32
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Podobny numer części - BL-S40A-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BetLux Electronics
BL-S40A-11 BETLUX-BL-S40A-11 Datasheet
300Kb / 5P
10.16mm (0.4) Single digit Seven Segment LED display series
REV NO: V.2
BL-S40A-11B BETLUX-BL-S40A-11B Datasheet
120Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S40A-11D BETLUX-BL-S40A-11D Datasheet
120Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S40A-11D-XX BETLUX-BL-S40A-11D-XX Datasheet
300Kb / 5P
10.16mm (0.4) Single digit Seven Segment LED display series
REV NO: V.2
BL-S40A-11E BETLUX-BL-S40A-11E Datasheet
120Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
More results

Podobny opis - BL-S40A-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SunLED Corporation
DMR10A SUNLED-DMR10A Datasheet
186Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DMR10A-A SUNLED-DMR10A-A Datasheet
185Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DMR10C SUNLED-DMR10C Datasheet
187Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DMR10C-A SUNLED-DMR10C-A Datasheet
185Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUR10C-A SUNLED-DUR10C-A Datasheet
187Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10A-A SUNLED-DUG10A-A Datasheet
184Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10C SUNLED-DUG10C Datasheet
186Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10C-A SUNLED-DUG10C-A Datasheet
184Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUR10C SUNLED-DUR10C Datasheet
189Kb / 4P
10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
DUY10C SUNLED-DUY10C Datasheet
189Kb / 4P
10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com