Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4651 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części AN4651
Szczegółowy opis  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 19Page - STMicroelectronics AN4651 Datasheet HTML 20Page - STMicroelectronics AN4651 Datasheet HTML 21Page - STMicroelectronics AN4651 Datasheet HTML 22Page - STMicroelectronics AN4651 Datasheet HTML 23Page - STMicroelectronics AN4651 Datasheet HTML 24Page - STMicroelectronics AN4651 Datasheet HTML 25Page - STMicroelectronics AN4651 Datasheet HTML 26Page - STMicroelectronics AN4651 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID027426 Rev 1
23/34
AN4651
Interconnection descriptions
33
3.9
From COMP to TIM
The comparators outputs can be redirected internally to different timer inputs:
break input 1/2 for fast PWM shutdowns,
OCREF_CLR input,
input capture .
The bit field COMPxOUTSEL in the COMPx_CSR register (COMP_CSR register for
STM32F37x products) is used to select which timer input must be connected to the
comparator output.
Table 9 lists the possible comparator output redirections to the timer inputs.
Table 9. Comparator outputs to TIM inputs(1)
COMP output selection
TIM1
TIM8
TIM2
TIM3
TIM4
TIM5
TIM15
TIM16
TIM17
TIM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34