| Zakładka z wyszukiwarką danych komponentów |
|
LT1002M Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1002M Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LT1002 LT1002AM/LT1002AC LT1002M/LT1002C SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage Note 1 20 60 25 100 µV ∆VOS Long Term Input Offset Voltage ∆Time Stability Notes 2 and 3 0.3 1.5 0.4 2.0 µV/month IOS Input Offset Current 0.3 2.8 0.4 4.2 nA IB Input Bias Current ±0.6 ±3.0 ±0.7 ±4.5 nA en Input Noise Voltage 0.1Hz to 10Hz (Note 2) 0.35 0.7 0.38 0.75 µVp-p en Input Noise Voltage Density fO = 10Hz (Note 5) 10.3 20.0 10.5 20.0 fO = 1000Hz (Note 2) 9.6 11.5 9.8 12.0 nV √Hz AVOL Large Signal Voltage Gain RL ≥ 2kΩ, VO = ±12V 400 800 350 800 V/mV RL ≥ 1kΩ, VO = ±10V 250 500 220 500 CMRR Common Mode Rejection Ratio VCM = ±13V 110 126 110 126 dB PSRR Power Supply Rejection Ratio VS = ±3V to ±18V 108 123 105 123 dB Rin Input Resistance Differential Mode Note 4 20 100 13 80 M Ω Input Voltage Range ±13 ±14 ±13 ±14 V VOUT Maximum Output Voltage Swing RL ≥ 2kΩ±13 ±14 ±13 ±14 V RL ≥ 1kΩ±12 ±13.5 ±12 ±13.5 SR Slew Rate RL ≥ 2kΩ (Note 4) 0.1 0.25 0.1 0.25 V/ µs GBW Gain Bandwidth Product Note 4 0.4 0.8 0.4 0.8 MHz Pd Power Dissipation No load 46 75 48 85 mW per amplifier No load, VS = ±3V 4 7 4 8 ABSOLUTE MAXIMUM RATINGS Supply Voltage (Note 6)......................................... ±22V Differential Input Voltage ...................................... ±30V Input Voltage Equal to Supply Voltage Output Short Circuit Duration ......................... Indefinite Operating Temperature Range LT1002AM/LT1002M ....................... – 55 °C to 125°C LT1002AC/LT1002C ............................... 0 °C to 70°C Storage Temperature Range All Grades ......................................... – 65 °C to 150°C Lead Temperature (Soldering, 10 sec.)................. 300 °C PACKAGE/ORDER INFORMATION 1 2 3 4 5 6 7 TOP VIEW J PACKAGE 14 PIN HERMETIC N PACKAGE 14 PIN PLASTIC 14 13 12 11 10 9 8 NULL (A) NULL (A) –IN (A) +IN (A) V– (B) OUT (B) V+ (B) V+ (A) OUT (A) V– (A) +IN (B) –IN (B) NULL (B) NULL (B) – – + + A B LT1002AMJ LT1002MJ LT1002ACJ LT1002CJ LT1002ACN LT1002CN OFFSET VOLTAGE MAX at 25 °C ORDER PART NO. 60 µV 100 µV 60 µV 100 µV 60 µV 100 µV NOTE: Device may be operated even if insertion is reversed; this is due to inherent symmetry of pin locations of amplifiers A and B. (Note 6) ELECTRICAL CHARACTERISTICS, I DIVIDUAL A PLIFIERS VS = ±15V, TA = 25°C, unless otherwise noted |