| Zakładka z wyszukiwarką danych komponentów |
|
LT1026CS8 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1026CS8 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 8 page ![]() 2 LT1026 ABSOLUTE MAXIMUM RATINGS Supply Voltage ........................................................ 10V V + ............................................................................ 20V V – ..........................................................................– 20V Short-Circuit Duration ......................................... 10 sec 1 2 3 4 8 7 6 5 TOP VIEW J8 PACKAGE 8-LEAD CERAMIC DIP N8 PACKAGE 8-LEAD PLASTIC DIP S8 PACKAGE 8-LEAD PLASTIC SO C1– C2+ C2– –VOUT +VOUT C1+ VIN GND ORDER PART NUMBER LT1026CJ8 LT1026CN8 LT1026CS8 LT1026IS8 LT1026MJ8 S8 PART MARKING 1026 1026I TJMAX = 150°C, θJA = 150°C/W (J8) TJMAX = 150°C, θJA = 100°C/W (N8) TJMAX = 150°C, θJA = 150°C/W (S8) ORDER PART NUMBER LT1026CH LT1026MH TJMAX = 150°C, θJA = 150°C/W (H8) ELECTRICAL CHARACTERISTICS PARAMETERS CONDITIONS MIN TYP MAX UNITS Output Voltage VIN = 4V IL = 0mA Positive q 6.5 7 V (Note 1) IL = 0mA Negative q – 6 – 6.7 V IL = 10mA Positive q 5.25 5.7 V IL = – 10mA Negative q – 4.5 – 5 V VIN = 5V IL = 15mA Positive q 6.25 7 V IL = – 15mA Negative q – 5.5 – 6.2 V VIN = 10V IL = 0mA Positive q 18 18.5 V IL = 0mA Negative q – 17.7 – 18 V IL = 10mA Positive q 16 17.6 V IL = – 10mA Negative q – 15.3 – 17 V IL = 15mA Positive q 15.25 17 V IL = – 15mA Negative q – 14.5 – 16.5 V VIN = 5V IL = 10mA, – 10mA Positive q 6.25 7.2 V Negative q – 5.5 – 6.5 V VIN = 10V IL = 10mA, – 10mA Positive q 15 16.8 V Negative q – 14.25 – 15.75 V Supply Current VIN = 4V IL = 0mA q 7 12.5 mA VIN = 10V IL = 0mA q 15 30 mA The q denotes specifications which apply over the specified operating temperature range. Loads are applied to individual outputs unless otherwise marked. Note 1: VIN min = – 4.5 for TA ≤ 40°C TOP VIEW C1+ +VOUT C1– C2+ VIN GND C2– –VOUT 8 7 6 5 3 2 1 4 H PACKAGE 8-LEAD TO-5 METAL CAN PACKAGE/ORDER INFORMATION Operating Temperature Range LT1026C ................................................. 0 °C to 70°C LT1026I .............................................. – 40 °C to 85°C LT1026M .......................................... – 55 °C to 125°C Lead Temperature (Soldering, 10 sec)................. 300 °C |