| Zakładka z wyszukiwarką danych komponentów |
|
LT1079SW Arkusz danych(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1079SW Arkusz danych(HTML) 6 Page - Linear Technology |
|
6 / 20 page ![]() 6 LT1078/LT1079 ELECTRICAL CHARACTERISTICS VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. LT1078C/LT1079C LT1078AC/LT1079AC LT1078S8/LT1079SW SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage q 70 330 90 460 µV LT1078S8 q 100 540 µV LT1079SW q 115 750 µV ∆VOS Input Offset Voltage Drift q 0.5 1.8 0.6 2.5 µV/°C ∆T (Note 5) LT1078S8 q 0.7 3.8 µV/°C LT1079SW q 0.8 5.0 µV/°C IOS Input Offset Current q 0.06 0.35 0.06 0.50 nA IB Input Bias Current q 69 6 11 nA AVOL Large-Signal Voltage Gain VO = ±10V, RL = 5k q 300 1200 250 1200 V/mV CMRR Common Mode Rejection Ratio VCM = 13V, –15V q 97 112 94 112 dB PSRR Power Supply Rejection Ratio VS = 5V, 0V to ±18V q 100 112 97 112 dB Maximum Output Voltage Swing RL = 5k q ±11.0 ±13.6 ±11.0 ±13.6 V IS Supply Current per Amplifier q 49 73 50 85 µA The q denotes specifications which apply over the full operating temperature range. Note 1: Typical parameters are defined as the 60% yield of parameter distributions of individual amplifiers, i.e., out of 100 LT1079s (or 100 LT1078s) typically 240 op amps (or 120) will be better than the indicated specification. Note 2: This parameter is tested on a sample basis only. All noise parameters are tested with VS = ±2.5V, VO = 0V. Note 3: This parameter is guaranteed by design and is not tested. Note 4: Power supply rejection ratio is measured at the minimum supply voltage. The op amps actually work at 1.8V supply but with a typical offset skew of –300 µV. Note 5: This parameter is not 100% tested. |