| Zakładka z wyszukiwarką danych komponentów |
|
LT1189CS8 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1189CS8 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 12 page ![]() LT1189 2 A G A U A R BSOLUTEXI TI S PACKAGE/ORDER I FOR ATIO ORDER PART NUMBER Total Supply Voltage (V + to V –) ............................. 18V Differential Input Voltage ........................................ ±6V Input Voltage .......................................................... ±VS Output Short Circuit Duration (Note 1) ........ Continuous Operating Temperature Range LT1189M ..................................... – 55 °C to 150°C LT1189C............................................. 0 °C to 70°C Junction Temperature (Note 2) Plastic Package (CN8,CS8) ......................... 150 °C Ceramic Package (CJ8,MJ8) ....................... 175 °C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec.)................ 300 °C S8 PART MARKING LT1189MJ8 LT1189CJ8 LT1189CN8 LT1189CS8 LT1189M/C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage Either Input, (Note 4) 1.0 3.0 mV SOIC Package 1.0 4.0 mV IOS Input Offset Current Either Input 0.2 1.0 µA IB Input Bias Current Either Input ±0.5 ±2.0 µA en Input Noise Voltage fO = 10kHz 30 nV/ √Hz in Input Noise Current fO = 10kHz 1.25 pA/ √Hz RIN Input Resistance Differential 30 k Ω CIN Input Capacitance Either Input 2.0 pF VIN LIM Input Voltage Limit (Note 5) ±170 mV Input Voltage Range –2.5 3.5 V CMRR Common-Mode Rejection Ratio VCM = –2.5V to 3.5V 80 105 dB PSRR Power Supply Rejection Ratio VS = ± 2.375V to ±8V 75 90 dB VOUT Output Voltage Swing VS = ± 5V, RL = 1k, AV = 50 ±3.8 ±4.0 V VS = ± 8V, RL = 1k, AV = 50 ±6.7 ±7.0 VS = ±8V, RL = 300Ω, AV = 50, (Note 3) ±6.4 ±6.8 GE Gain Error VO = ±1.0V, AV = 10 1.0 3.5 % SR Slew Rate (Note 6, 10) 150 220 V/ µs FPBW Full Power Bandwidth VO = 2VP-P, (Note 7) 35 MHz BW Small Signal Bandwidth AV = 10 35 MHz tr, tf Rise Time, Fall Time AV = 50, VO = ±1.5V, 20% to 80% (Note 10) 35 50 75 ns tPD Propagation Delay RL= 1k, VO = ±125mV, 50% to 50% 12 ns Overshoot VO = ± 50mV 10 % ts Settling Time 3V Step, 0.1%, (Note 8) 1 µs Diff AV Differential Gain RL = 1k, AV = 10, (Note 9) 0.6 % Diff Ph Differential Phase RL = 1k, AV = 10, (Note 9) 0.75 DEGP-P IS Supply Current 13 16 mA Shutdown Supply Current Pin 5 at V – 0.8 1.5 mA VS = ±5V, VREF = 0V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5 open. ELECTRICAL C C HARA TERISTICS T A = 25°C, (Note 3) 5V – + 8 7 6 5 4 3 2 1 +/REF –IN +IN V S/D OUT + V –/FB TOP VIEW S8 PACKAGE 8-LEAD PLASTIC SOIC – N8 PACKAGE 8-LEAD PLASTIC DIP J8 PACKAGE 8-LEAD HERMETIC DIP LT1189 • POI01 1189 TJMAX = 175°C, θJA = 100°C/W (J8) TJMAX = 150°C, θJA = 100°C/W (N8) TJMAX = 150°C, θJA = 150°C/W (S8) |