| Zakładka z wyszukiwarką danych komponentów |
|
MBRF20100CT Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
MBRF20100CT Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1 / 4 page ![]() CREAT BY ART - Low power loss, high efficiency - Guardring for overvoltage protection - High surge current capability - UL Recognized File # E-326243 - Halogen-free according to IEC 61249-2-21 definition Molding compound, UL flammability classification rating 94V-0 Base P/N with suffix "G" on packing code - halogen-free Base P/N with prefix "H" on packing code - AEC-Q101 qualified Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 1A whisker test with prefix "H" on packing code meet JESD 201 class 2 whisker test VRRM 35 45 50 60 80 90 100 150 200 V VRMS 24 31 35 42 56 63 70 105 140 V VDC 35 45 50 60 80 90 100 150 200 V IF(AV) A IRRM A 0.80 0.65 1.00 0.75 30 dV/dt V/μs RθJC OC/W TJ OC TSTG OC Document Number: D1308017 Version: N13 V 1.5 3.5 Note 1: tp = 2.0 μs, 1.0KHz Note 2: Pulse test with PW=300μs, 1% duty cycle Typical thermal resistance Operating junction temperature range - 55 to +150 Storage temperature range - 55 to +150 2 Isolation voltage from terminals to heatsink with t=1.0 min VAC 0.85 0.85 0.95 1500 Maximum instantaneous forward voltage (Note 2) IF= 10 A, TJ=25℃ IF= 10 A, TJ=125℃ IF= 20 A, TJ=25℃ IF= 20 A, TJ=125℃ VF 0.84 mA 15 10 Voltage rate of change (Rated VR) 10000 Maximum reverse current @ rated VR TJ=25 ℃ TJ=125 ℃ IR 0.1 5 0.80 0.80 0.85 0.95 0.57 0.70 0.75 0.85 0.95 0.95 1.05 V 0.72 A Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load IFSM 150 A Peak repetitive reverse surge current (Note 1) 1 0.5 Maximum DC blocking voltage Maximum average forward rectified current 20 Peak repetitive forward current (Rated VR, Square wave, 20KHz) IFRM 20 MBRF 20100 CT MBRF 20150 CT MBRF 20200 CT UNIT Maximum repetitive peak reverse voltage Maximum RMS voltage MBRF 2080 CT Mounting torque: 5 in-lbs maximum Weight: 1.7 g (approximately) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted) PARAMETER SYMBOL MBRF 2035 CT MBRF 2045 CT MBRF 2050 CT MBRF 2060 CT MBRF 2090 CT ITO-220AB MECHANICAL DATA Case: ITO-220AB Polarity: As marked MBRF2035CT thru MBRF20200CT Taiwan Semiconductor Dual Common Cathode Schottky Rectifier FEATURES - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC |
Podobny numer części - MBRF20100CT |
|
Podobny opis - MBRF20100CT |