| Zakładka z wyszukiwarką danych komponentów |
|
LT1331CSW Arkusz danych(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1331CSW Arkusz danych(HTML) 4 Page - Linear Technology |
|
4 / 8 page ![]() 4 LT1331 CC HARA TERISTICS A TYPICALPERFOR CE Driver Short-Circuit Current Supply Current vs Data Rate Driver Output Voltage Driver Output Voltage Receiver Input Thresholds Receiver Short-Circuit Current Slew Rate vs Load Capacitance TEMPERATURE (°C) –55 30 25 20 15 10 5 0 25 75 1331 G01 –25 0 50 100 125 ISC + ISC – VCC = 5V TEMPERATURE (°C) –55 8 7 6 5 4 3 2 25 75 1331 G02 –25 0 50 100 125 VCC = 3.3V VCC = 5V RL = 3k 3 DRIVERS LOADED OUTPUT HIGH Driver Leakage in Shutdown Slew Rate vs Load Capacitance TEMPERATURE (°C) –55 0.50 0.75 1.25 1.50 1.75 3.00 2.25 0 50 75 1331 G08 1.00 2.50 2.75 2.00 –25 25 100 125 INPUT HIGH INPUT LOW VL = 3.3V DATA RATE (kBAUD) 0 50 40 30 20 10 0 25 50 75 100 125 150 1131 G07 3 DRIVERS 1 DRIVER VCC = 5V VCC = 3.3V VCC = 5V VCC = 3.3V RL = 3k CL = 2500pF TEMPERATURE (°C) –55 40 30 20 10 0 0 50 75 1331 G09 –25 25 100 125 ISC + ISC – VL = 3.3V TEMPERATURE (°C) –55 –2 –3 –4 –5 –6 –7 –8 25 75 1331 G03 –25 0 50 100 125 VCC = 3.3V VCC = 5V RL = 3k 3 DRIVERS LOADED OUTPUT LOW LOAD CAPACITANCE (nF) 0 16 14 12 10 8 6 4 2 0 4 1331 G06 1 2 3 5 +SLEW –SLEW VCC = 3.3V LOAD CAPACITANCE (nF) 0 16 14 12 10 8 6 4 2 0 4 1331 G05 1 2 3 5 +SLEW –SLEW VCC = 5V TEMPERATURE (°C) 0.1 10 100 1331 G04 1 –55 0 50 75 –25 25 100 125 VOUT = –30V VOUT = 30V |