| Zakładka z wyszukiwarką danych komponentów |
|
LT1501CS8 Arkusz danych(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1501CS8 Arkusz danych(HTML) 13 Page - Linear Technology |
|
13 / 16 page ![]() 13 LT1500/LT1501 APPLICATIONS INFORMATION and it should be no more than 300k to keep bias current errors under 1%, giving: R RV V R R V DIV BAT BAT 3 124 4 31 24 124 = () = () . . –. VBAT = low battery voltage RDIV = Thevenin divider resistance = R3 in parallel with R4 There is about 20mV of hysteresis at the LBI pin. Hyster- esis can be increased by adding a resistor (R5) from the output (LBO) back to LBI. This resistor can be calculated from the following equation, but note that the equation for R4 will have to be changed when R5 is added. R RV VmV V CC HYST BAT 5 3 17 = () () ( ) – VCC = supply voltage for LBO pull-up resistor VHYST = desired hysteresis at the battery R4 (When R5 is Used) = R3 R5 ()( ) − ()+− () 124 5 1 24 3 1 24 . .. RV R V BAT CC The LBO pin is open collector. The external pull-up resistor value is determined by user needs. Generally the resistor is 100k to 1M to keep current drain low, but the LBO pin can sink several milliamperes if needed. Example: low battery voltage = 2.5V, desired hysteresis = 200mV, VCC = 5V. Use RDIV = 150k R k R kV 3 150 2 5 124 302 5 301 5 02 0017 25 9 = () = = () () () = . . .– . . k (use 301k, 1%) .56M (Use 10M) R kM Mk 4 301 10 1 24 10 2 5 1 24 301 5 1 24 = ()( )( ) − ()+− () = . .. . 272k (Use 274k 1%) The total divider resistance will be 274k + 301k = 575k, and this will draw about 7 µA from a fully charged battery. Synchronizing The SYNC pin on the LT1500 can be used to synchronize switching frequency to an external clock. The pin should be driven with a 50ns to 300ns pulse which will trigger the switch to an on state. There is a fairly restricted range over which synchronizing will work, because the period between sync pulses must be greater than the natural on-time of the regulator when it is running unsynchronized, and the sync frequency must be greater than the unsynchronized switching frequency. This puts the following restrictions on synchronized operation: ff f fV VV SYNC NATURAL SYNC NATURAL OUT OUT IN > < () – (Use Minimum V ) IN fNATURAL is the natural unsynchronized switching fre- quency of the regulator. It is a function of load current, so a careful check must be done to ensure that the above conditions are met under all load and input voltage condi- tions. Soft Start (SS) The LT1500 can be soft started by connecting a capacitor to the SS pin. This pin is the base of a PNP transistor whose emitter is tied to the VC pin. Soft start action will occur over the range of 0V to 0.8V on the SS pin and the pin is clamped at 1.2V with an internal clamp. An internal 4 µA pull-up current and the external capacitor value determine soft start time. In a typical application a 0.22 µF capacitor is sufficient to limit input surges and prevent output overshoot, even with overcompensation on the VC pin. Output voltages greater than 6V with very large output |