Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VC850M-SMD Arkusz danych(PDF) 2 Page - Roithner LaserTechnik GmbH

Numer części VC850M-SMD
Szczegółowy opis  multi mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROITHNER [Roithner LaserTechnik GmbH]
Strona internetowa  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VC850M-SMD Arkusz danych(HTML) 2 Page - Roithner LaserTechnik GmbH

  VC850M-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH VC850M-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Outline Dimensions
All Dimensions in mm
Precautions
Static Electricity:
VCSELs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken
when handling or operating these VCSELs. Surge voltage or electrostatic discharge can result in
complete failure of the device.
Safety Advice:
This VCSEL emits concentrated infrared light which can be hazardous to the human eye and skin.
This diode is classified as CLASS 3B laser product according to IEC 60825-1 and 21 CFR Part
1040.10 Safety Standards.
Operation:
Do only operate VCSELs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive
circuits is mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
SMD



Html Pages

1 2