| Zakładka z wyszukiwarką danych komponentów |
|
LT1959CS8 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1959CS8 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 24 page ![]() 2 LT1959 The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C, TJ = 25°C, VIN = 5V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted. ABSOLUTE MAXIMUM RATINGS Input Voltage .......................................................... 16V BOOST Voltage ........................................................ 30V BOOST Pin Above Input Voltage ............................. 15V SHDN Pin Voltage ..................................................... 7V FB Pin Voltage ....................................................... 3.5V FB Pin Current ....................................................... 1mA SYNC Pin Voltage ..................................................... 7V Operating Junction Temperature Range LT1959C ................................................ 0 °C to 125°C LT1959I ........................................... – 40 °C to 125°C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec)................. 300 °C ELECTRICAL CHARACTERISTICS PARAMETER CONDITIONS MIN TYP MAX UNITS Feedback Voltage (Adjustable) All Conditions q 1.19 1.21 1.23 V Reference Voltage Line Regulation 4.3V ≤ VIN ≤ 15V 0.01 0.03 %/ V Feedback Input Bias Current q –0.5 0 0.5 µA Error Amplifier Voltage Gain (Note 2) 200 400 Error Amplifier Transconductance ∆I (VC) = ±10µA 1500 2000 2700 µMho q 1000 3100 µMho VC Pin to Switch Current Transconductance 5.3 A/ V Error Amplifier Source Current VFB = 1.05V q 140 225 320 µA Error Amplifier Sink Current VFB = 1.35V q 140 225 320 µA VC Pin Switching Threshold Duty Cycle = 0 0.9 V VC Pin High Clamp 2.1 V Switch Current Limit VC Open, VFB = 1.05V, DC ≤ 50% q 4.5 6 8.5 A Slope Compensation DC = 80% 0.8 A PACKAGE/ORDER INFORMATION ORDER PART NUMBER ORDER PART NUMBER LT1959CR LT1959IR 1959 1959I S8 PART MARKING LT1959CS8 LT1959IS8 (Note 1) 1 2 3 4 8 7 6 5 TOP VIEW S8 PACKAGE 8-LEAD PLASTIC SO VIN BOOST GND** VSW SYNC SHDN VC FB R PACKAGE 7-LEAD PLASTIC DD FRONT VIEW FB BOOST VIN GND VSW 7 6 5 4 3 2 1 SHDN VC TAB IS GND **WITH (FUSED GND) GROUND PIN CONNECTED TO GROUND PLANE OR LARGE LANDS TJMAX = 150°C, θJA = 30°C/W WITH PACKAGE SOLDERED TO 0.5 SQUARE INCH COPPER AREA OVER BACKSIDE GROUND PLANE OR INTERNAL POWER PLANE. θJA CAN VARY FROM 20°C/W TO > 40 °C/W DEPENDING ON MOUNTING TECHNIQUES TJMAX = 150°C, θJA = 80°C/W |