| Zakładka z wyszukiwarką danych komponentów |
|
LT2178CS8 Arkusz danych(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT2178CS8 Arkusz danych(HTML) 12 Page - Linear Technology |
|
12 / 12 page ![]() 12 LT2178/LT 2179 Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977 LT/GP 1196 7K • PRINTED IN USA © LINEAR TECHNOLOGY CORPORATION 1996 Single Supply, 1kHz, 4th Order Butterworth Lowpass Filter TYPICAL APPLICATION R1 301k 50k C1 1000pF 2178/79 TA04 VOUT 1 µF R2 86k VIN 50k – + 1/4 LT2179 – + 1/4 LT2179 301k 121k – + 1/4 LT2179 C2 1000pF 1000pF 221k 1000pF – + 1/4 LT2179 3.3V 121k 12-BIT ACCURATE SIGNAL RANGE FROM 6mV TO 1.8V ON 3.3V SINGLE SUPPLY. MAXIMUM OUTPUT OFFSET ERROR IS 448 µV. FOR EACH 2ND ORDER SECTION: WO 2 = 1 C1C2R1R2 R1 = 1 WOQC1 R2 = Q WOC2 + FREQUENCY (kHz) 0.1 10 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 110 LT2178/79 • TA05 RELATED PARTS PART NUMBER DESCRIPTION COMMENTS LT1078/LT1079 Dual/Quad 55 µA Max, Single Supply Precision Op Amps 70 µV VOS Max and 2.5µV/°C Drift Max, 200kHz BBW, 0.07V/ µs Slew Rate, Input/Output Common Mode Includes Ground LT1211/LT1212 14MHz, 7V/ µs Single Supply Dual and Quad Precision Op Amps 275µV VOS Max, 6µV/°C Drift Max Input Voltage Range Includes Ground LT1490/LT1491 Dual/ Quad Micropower Rail-to-Rail Input and Output Op Amps Single Supply Input Range: –0.4V to 44V, Micropower 50 µA Amplifier, Rail-to-Rail Input and Output, 200kHz GBW LT2078/LT2079 Dual/Quad 55 µA Max, Single Supply Precision Op Amps 70 µV VOS Max and 2.5µV/°C Drift Max, 200kHz BBW, 0.07V/ µs Slew Rate, Input/Output Common Mode Includes Ground Surface Mount Standard Pinout |