| Zakładka z wyszukiwarką danych komponentów |
|
LTC1046CS8 Arkusz danych(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1046CS8 Arkusz danych(HTML) 7 Page - Linear Technology |
|
7 / 12 page ![]() 7 LTC1046 S APPLICATI TYPICAL Figure 7. Negative Voltage Converter Negative Voltage Converter Figure 7 shows a typical connection which will provide a negative supply from an available positive supply. This circuit operates over full temperature and power supply ranges without the need of any external diodes. The LV pin (Pin 6) is shown grounded, but for V+ ≥ 3V, it may be floated, since LV is internally switched to GND (Pin 3) for V+ ≥ 3V. The output voltage (Pin 5) characteristics of the circuit are those of a nearly ideal voltage source in series with an 27 Ω resistor. The 27 Ω output impedance is composed of two terms: 1) the equivalent switched capacitor resistance (see Theory of Operation), and 2) a term related to the ON resistance of the MOS switches. At an oscillator frequency of 30kHz and C1 = 10 µF, the first term is: R= 1 f/ 2 EQUIV OSC () = = • •• . • – C1 1 15 10 10 10 67 36 Ω. Notice that the equation for REQUIV is not a capacitive reactance equation (XC = 1/ωC) and does not contain a 2π term. The exact expression for output impedance is complex, but the dominant effect of the capacitor is clearly shown on Figure 8. Voltage Doubler Figure 9. Ultraprecision Voltage Divider the typical curves of output impedance and power effi- ciency versus frequency. For C1 = C2 = 10 µF, the output impedance goes from 27 Ω at fOSC = 30kHz to 225Ω at fOSC = 1kHz. As the 1/fC term becomes large compared to switch ON resistance term, the output resistance is deter- mined by 1/fC only. Voltage Doubling Figure 8 shows a two diode, capacitive voltage doubler. With a 5V input, the output is 9.1V with no load and 8.2V with a 10mA load. 1 2 3 4 8 7 6 5 V + OSC LV VOUT BOOST CAP + GND CAP – LTC1046 10 µF 10 µF 1046 F07 V+ 1.5V TO 6V VOUT = –V + REQUIRED FOR V+ < 3V TMIN ≤ TA ≤ TMAX + 1 2 3 4 8 7 6 5 V + OSC LV VOUT BOOST CAP + GND CAP – LTC1046 10 µF10µF VD VD + + 1046 F08 V+ 1.5V TO 6V VOUT = 2 (VIN –1) REQUIRED FOR V+ < 3V + + Ultraprecision Voltage Divider An ultraprecision voltage divider is shown in Figure 9. To achieve the 0.0002% accuracy indicated, the load current should be kept below 100nA. However, with a slight loss in accuracy, the load current can be increased. 1 2 3 4 8 7 6 5 V + OSC LV VOUT BOOST CAP + GND CAP – LTC1046 C1 10 µF C2 10 µF TMIN ≤ TA ≤ TMAX IL ≤ 100nA REQUIRED FOR V+ < 6V 1046 F09 V+ 3V TO 12V + + ±0.002% V+ 2 |