Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC1421 Arkusz danych(PDF) 2 Page - Linear Technology

Numer części LTC1421
Szczegółowy opis  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Arkusz danych(HTML) 2 Page - Linear Technology

  LTC1421_15 Datasheet HTML 1Page - Linear Technology LTC1421_15 Datasheet HTML 2Page - Linear Technology LTC1421_15 Datasheet HTML 3Page - Linear Technology LTC1421_15 Datasheet HTML 4Page - Linear Technology LTC1421_15 Datasheet HTML 5Page - Linear Technology LTC1421_15 Datasheet HTML 6Page - Linear Technology LTC1421_15 Datasheet HTML 7Page - Linear Technology LTC1421_15 Datasheet HTML 8Page - Linear Technology LTC1421_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1421/LTC1421-2.5
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER I FOR ATIO
Consult factory for parts specified with wider operating temperature ranges.
(Note 1)
Supply Voltage (VCCLO, VCCHI, AUXVCC) .............. 13.2V
Input Voltage (Analog Pins) ..... – 0.3V to (VCCHI + 0.3V)
Input Voltage (Digital Pins) ................... – 0.3V to 13.2V
Output Voltage (Digital Pins) .. – 0.3V to (VCCLO + 0.3V)
Output Voltage (CPON) ......... – 13.2V to (VCCLO + 0.3V)
Output Voltage (VOUTLO, VOUTHI) ........... – 0.3V to 13.2V
Output Voltage (GATELO, GATEHI) ........... – 0.3V to 20V
Operating Temperature Range
LTC1421C ............................................... 0
°C to 70°C
LTC1421I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 100°C/W (G)
TJMAX = 125°C, θJA = 85°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
CON1
CON2
POR
FAULT
DISABLE
PWRGD
RESET
REF
CPON
RAMP
FB
GND
AUXVCC
VCCLO
SETLO
GATELO
VOUTLO
VCCHI
SETHI
GATEHI
VOUTHI
COMPOUT
COMP
COMP +
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCCHI = 12V, VCCLO = 5V unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
ICCLO
VCCLO Supply Current
CON1 = CON2 = GND, POR = VCCLO
q
1.5
3
mA
ICCHI
VCCHI Supply Current
CON1 = CON2 = GND, POR = VCCLO
q
0.6
1
mA
VLKO
Undervoltage Lockout
VCCLO and VCCHI
2.28
2.45
2.60
V
VLKH
Undervoltage Lockout Hysteresis
VCCLO and VCCHI
100
mV
VREF
Reference Output Voltage
No Load
q
1.220
1.232
1.244
V
∆VLNR
Reference Line Regulation
3V
≤ VCCLO ≤ 12V, No Load
q
48
mV
∆VLDR
Reference Load Regulation
IO = 0mA to – 5mA, Sourcing Only
q
13
mV
IRSC
Reference Short-Circuit Current
VREF = 0V
– 45
mA
VCOF
Comparator Offset Voltage
0V
≤ VCM ≤(VCCLO − 1.3V)
q
±10
mV
VCPSR
Comparator Power Supply Rejection
0V
≤ VCM ≤(VCCLO − 1.3V), 3V ≤ VCCLO ≤ 12V
q
1
mV/V
VCHST
Comparator Hysteresis
0V
≤ VCM ≤(VCCLO − 1.3V)
7
mV
VRST
Reset Voltage Threshold (VOUTLO)
FB = VOUTLO
q
2.80
2.90
3.00
V
FB = Floating
q
4.50
4.65
4.75
V
FB = GND
q
5.75
5.88
6.01
V
VRHST
Reset Threshold Hysteresis (VOUTLO)
FB = VOUTLO
7mV
FB = Floating
12
mV
FB = GND
15
mV
RFB
FB Pin Input Resistance
0V
≤ VFB ≤ VCCLO
95
k
VCB
Circuit Breaker Trip Voltage
VCB = (VCCLO – VSETLO) or VCB = (VCCHI – VSETHI)
q
40
50
60
mV
VTRIP
Output Voltage for Re-Power-Up
LTC1421 (Note 3)
0.1
V
LTC1421-2.5 (Note 4)
2.5
V
LTC1421CG
LTC1421CSW
LTC1421CG-2.5
LTC1421CSW-2.5
LTC1421IG
LTC1421ISW
LTC1421IG-2.5
LTC1421ISW-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com