| Zakładka z wyszukiwarką danych komponentów |
|
LTC1283C Arkusz danych(PDF) 21 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1283C Arkusz danych(HTML) 21 Page - Linear Technology |
|
21 / 24 page ![]() 21 LTC1283 S APPLICATI I FOR ATIO contribute virtually no uncertainty to the output code. However, for reduced references, the noise may become a significant fraction of an LSB and cause undesirable jitter in the output code. For example, with a 1V reference, this same 200 µV noise is 0.2LSB peak-to-peak. This will reduce the range of input voltages over which a stable output code can be achieved by 0.2LSB. If the reference is further reduced to 200mV, the 200 µV noise becomes equal to one LSB and a stable code may be difficult to achieve. In this case averag- ing readings may be necessary. This noise data was taken in a very clean setup. Any setup induced noise (noise or ripple on VCC, VREF, VIN or V –) will add to the internal noise. The lower the reference voltage to be used, the more critical it becomes to have a clean, noise- free setup. when operating at low values of VREF because of the reduced LSB step size and the resulting higher accuracy requirement placed on the converter. The following factors must be considered when operating at low VREF values. 1. Conversion speed (ACLK frequency) 2. Offset 3. Noise Conversion Speed with Reduced VREF With reduced reference voltages, the LSB step size is reduced and the LTC1283 internal comparator overdrive is reduced. With less overdrive, more time is required to perform a conversion. Therefore, the maximum ACLK frequency should be reduced when low values of VREF are used. This is shown in the typical curve of Maximum Conversion Clock Rate vs Reference Voltage. Offset with Reduced VREF The offset of the LTC1283 has a larger effect on the output code when the A/D is operated with reduced reference voltage. The offset (which is typically a fixed voltage) becomes a larger fraction of an LSB as the size of the LSB is reduced. The typical curve of Unadjusted Offset Error vs Reference Voltage shows how offset in LSBs is related to reference voltage for a typical value of VOS. For example, a VOS of 0.5mV which is 0.2LSB with a 2.5V reference becomes 0.5LSB with a 1V reference and 2.5LSBs with a 0.2V reference. If this offset is unacceptable, it can be corrected digitally by the receiving system or by offsetting the “–” input to the LTC1283. Noise with Reduced VREF The total input referred noise of the LTC1283 can be reduced to approximately 200 µV peak-to-peak using a ground plane, good bypassing, good layout techniques and minimizing noise on the reference inputs. This noise is insignificant with a 2.5V reference but will become a larger fraction of an LSB as the size of the LSB is reduced. The typical curve of Noise Error vs Reference Voltage shows the LSB contribution of this 200 µV of noise. For operation with a 2.5V reference, the 200 µVnoiseisonly 0.08LSB peak-to-peak. In this case, the LTC1283 noise will A “Quick Look” Circuit for the LTC1283 Users can get a quick look at the function and timing of the LTC1283 by using the following simple circuit. REF + and DIN are tied to VCC selecting a 3V input span, CH7 as a single-ended input, unipolar mode, MSB-first format and 16-bit word length. ACLK and SCLK are tied together and driven by an external clock. CS is driven at 1/64 the clock rate by the CD4520 and DOUT outputs the data. All other pins are tied to a ground plane. The output data from the DOUT pin can be viewed on an oscilloscope which is set up to trigger on the falling edge of CS. Scope Trace of LTC1283 “Quick Look” Circuit Showing A/D Output of 0101010101 (155HEX) VERTICAL: 1V/DIV, HORIZONTAL: 5 µs/DIV CS DOUT MSB (B9) DEGLITCHER TIME LSB (B0) FILLS ZEROES |