| Zakładka z wyszukiwarką danych komponentów |
|
LTC1286CS8 Arkusz danych(PDF) 10 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1286CS8 Arkusz danych(HTML) 10 Page - Linear Technology |
|
10 / 24 page ![]() 10 LTC1286/LTC1298 APPLICATION INFORMATION SERIAL INTERFACE The 2-channel LTC1298 communicates with micropro- cessors and other external circuitry via a synchronous, half duplex, 4-wire serial interface. The single channel LTC1286 uses a 3-wire interface (see Operating Sequence in Figures 1 and 2). Data Transfer The CLK synchronizes the data transfer with each bit being transmitted on the falling CLK edge and captured on the rising CLK edge in both transmitting and receiving systems. The LTC1286 does not require a configuration input word and has no DIN pin. A falling CS initiates data transfer as shown in the LTC1286 operating sequence. After CS falls the second CLK pulse enables DOUT. After one null bit the A/D conversion result is output on the DOUT line. Bringing CS high resets the LTC1286 for the next data exchange. The LTC1298 first receives input data and then transmits back the A/D conversion result (half duplex). Because of the half duplex operation, DIN and DOUT may be tied together allowing transmission over just 3 wires: CS, CLK and DATA (DIN/DOUT). Data transfer is initiated by a falling chip select (CS) signal. After CS falls the LTC1298 looks for a start bit. After the start bit is received, the 3-bit input word is shifted into the DIN input which configures the LTC1298 and starts the conversion. After one null bit, the result of the conversion is output on the DOUT line. At the end of the data exchange CS should be brought high. This resets the LTC1298 in preparation for the next data exchange. CLK CS tCYC B11 B5 B6 B7 B8 B9 B10 B11 HI-Z DOUT tCONV tDATA HI-Z tsuCS NULL BIT B4 B3 B2 B1 POWER DOWN POWER DOWN B0* NULL BIT B10 B9 B8 tSMPL (MSB) (MSB) CLK CS tCYC B11* B5 B6 B7 B8 B9 B10 B11 HI-Z DOUT tCONV tDATA HI-Z tsuCS NULL BIT LTC1286/98 • F01 B4 B3 B3 B4 B5 B6 B7 B2 B2 B1 B0 B1 B10 B9 B8 tSMPL *AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY. *AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT LSB-FIRST DATA THEN FOLLOWED WITH ZEROS INDEFINITELY. tDATA: DURING THIS TIME, THE BIAS CIRCUIT AND THE COMPARATOR POWER DOWN AND THE REFERENCE INPUT BECOMES A HIGH IMPEDANCE NODE, LEAVING THE CLK RUNNING TO CLOCK OUT LSB-FIRST DATA OR ZEROES. Figure 1. LTC1286 Operating Sequence |