| Zakładka z wyszukiwarką danych komponentów |
|
RED3600 Arkusz danych(PDF) 1 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
RED3600 Arkusz danych(HTML) 1 Page - LSI Computer Systems |
|
1 / 2 page ![]() AC LINE FREQUENCY DIVIDERS RED SERIES RED 5/6 Divide by 5 or 6 RED 50/60 Divide by 50 or 60 RED 100/120 Divide by 100 or 120 RED 300/360 Divide by 300 or 360 RED 500/600 Divide by 500 or 600 RED 3000/3600 Divide by 3000 or 3600 FEATURES: • Clock input pulse shaper accepts 50Hz/60Hz sine wave directly • Fully static counter operation • +4.5V to +15V operation (VDD - VSS) • Low power dissipation • High noise immunity • Reset • Input Enable • 50Hz/60Hz division select input • Output low power TTL compatible at +4.5V operation • Square Wave Output (except for ÷ 5) • RED x/y (DIP); RED x/y-S (SOIC) See Figure 1 APPLICATION: Time base generator from either 50Hz or 60Hz line frequency to produce: 10 pulses per second (RED 5/6) 1 pulse per second (RED 50/60) 1 pulse per 2 seconds (RED 100/120) 1 pulse per .1 minute (RED 300/360) 1 pulse per 10 seconds (RED 500/600) 1 pulse per minute (RED 3000/3600) DESCRIPTION OF OPERATION: The counter advances by one on each negative transition of the input clock pulse as long as the Enable signal is High and the Reset signal is Low. When the Enable signal is Low the input clock pulses will be inhibited and the counter will be held at the state it was in prior to bringing the Enable Low. A High Reset signal clears the counter to zero count. Depending on the device used, a Low on the Division Select in- put will cause a Divide by 6, 60, 120, 360, 600 or 3600. A High on the Division Select will cause a Divide by 5, 50, 100, 300, 500 or 3000. All outputs are 50% duty cycle except RED 5, where output is low for two clocks and high for three clocks. CLOCK INPUT If input signals are less than the Vss or greater than VDD, a series input resistor should be used to limit the maximum input current to 2 mA. MARKING AS FOLLOWS: PART MARKING RED 5/6 RED 6 RED 50/60 RED 60 RED 100/120 RED 120 RED 300/360 RED 360 RED 500/600 RED 600 RED 3000/3600 RED 3600 V DD (V+) 1 2 3 4 8 7 6 5 OUTPUT RESET V SS (-V) NC DIVISION SELECT ENABLE CLOCK INPUT PIN ASSIGNMENT - TOP VIEW FIGURE 1 The information included herein is believed to be accurate and reliable. However, LSI Computer Systems, Inc. assumes no responsibilities for inaccuracies, nor for any infringements of patent rights of others which may result from its use. RED-062600-1 LSI/CSI LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405 RED SERIES UL ® A3800 July 2000 MAXIMUM RATINGS: PARAMETER SYMBOL VALUE UNIT Storage Temperature TSTG -65 to +150 ˚C Operating Temperature TA -40 to +85 ˚C DC Supply Voltage (VDD-Vss) +18 V Voltage at any input VIN Vss -.3 to VDD +.3 V ENABLE SIGNAL TIMING If the Enable signal switches Low during a positive clock phase and then switches High during a negative clock phase, a false count will be registered. To prevent this from happening, the Enable signal should not switch Low during a positive clock phase unless the switch to High also occurs during a positive clock phase. The Enable signal should normally be switched during a negative clock phase. |
Podobny numer części - RED3600 |
|
Podobny opis - RED3600 |