Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A1212 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części A1212
Szczegółowy opis  100 TO 1200 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

A1212 Arkusz danych(HTML) 1 Page - Tyco Electronics

  A1212 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· VERY LOW NOISE: 1.8 dB (TYP.)
· HIGH OUTPUT POWER: 19 dBm (TYP.)
· HIGH POWER ADDED EFFICIENCY: 20%
A1212/SMA1212
100 TO 1200 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 12/00)*
* Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.1-1.2 GHz
14.0 dB
±0.6 dB
23 dB
1.8 dB
19.0 dBm
+29 dBm
+40 dBm
+46 dBm
1.8:1 / 1.8:1
70 mA
0.1-1.2 GHz
12.5 dB
±1.0 dB
16.0 dBm
2.3 dB
17.0 dBm
2.3:1 / 2.3:1
85 mA
2.1:1 / 2.1:1
75 mA
0.1-1.2 GHz
11.5 dB
±1.2 dB
2.7 dB
-62° to +125°C
125°C
+8 Volts
+13 dBm
50 mW
0.5 W
125°C
182°C/W
0.147 W
26°C
A1212
SMA1212
CA1212


Podobny numer części - A1212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
443Kb / 12P
Continuous-Time Latch Family
logo
Tyco Electronics
A1212 MACOM-A1212 Datasheet
386Kb / 2P
Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 1200 MHz
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
292Kb / 14P
Continuous-Time Latch Family
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
730Kb / 5P
Cascadable Amplifier 100 - 1200 MHz
More results

Podobny opis - A1212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1212 MACOM-A1212_1 Datasheet
386Kb / 2P
Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1212 MA-COM-A1212 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 1200 MHz
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
Cascadable Amplifier 100 - 1200 MHz
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com