Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESMD-169 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części ESMD-169
Szczegółowy opis  E-Series Surface Mount Mixer 1 - 3500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-169 Arkusz danych(HTML) 1 Page - Tyco Electronics

  ESMD-169 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series Surface Mount Mixer
1 - 3500 MHz
ESMD-169
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
LO Power: +10 dBm
Up to +5 dBm RF
Surface Mount
Specifications @ 25°C
Frequency Range
RF
1 - 3500 MHz
LO
1 - 3500 MHz
IF
5 - 1500 MHz
Conversion Loss (dB)
Typical
Maximum
5 - 1000 MHz
5.9
7.0
5 - 3000 MHz
7.1
10.0
1 - 3500 MHz
7.5
12.5
Isolation (dB)
LO to RF
Typical
Minimum
5 - 1000 MHz
38
30
1 - 3500 MHz
32
15
LO to IF
5 - 1000 MHz
38
30
1 - 3500 MHz
34
18
RF to IF
10 - 500 MHz
30
20
1 - 3000 MHz
25
15
1 - 3500 MHz
22
15
Midband VSWR
2.0 : 1 Typical
Two Tone Third Order Input Intercept
Two Tone Intermodulation Ratio
( -10 dBm I/P, each tone & 60 MHz IF)
55 dBc @ 10 MHz
55 dBc @ 500 MHz
56 dBc @ 3000 MHz
Operating Characteristics
Impedance
50 Ohms Nominal
RF input for 1dB Compression
+ 5 dBm
Ordering Information
Part No.
Packaging
ESMD-169
Tube
ESMD-169TR
Forward Tape & Reel
SM-2
q
q
q
S 0802 C
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Pin Configuration
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to 100°C
Operating Temperature
-55°C to 100°C
Pin Temperature (10 Seconds)
260°C
Function
Pin No.
LO
2
RF
1
IF
3
Ground
4,5


Podobny numer części - ESMD-169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
ESMD-C1 MACOM-ESMD-C1 Datasheet
32Kb / 1P
E-Series Surface Mount Mixer 1-1000MHz
ESMD-C15 MACOM-ESMD-C15 Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15TR MACOM-ESMD-C15TR Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15TR MACOM-ESMD-C15TR Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15 MACOM-ESMD-C15_1 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
More results

Podobny opis - ESMD-169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
EMRS-1L MACOM-EMRS-1L Datasheet
131Kb / 2P
E-Series Surface Mount Mixer 0.5.500 MHz
ESMD-C1MH MACOM-ESMD-C1MH Datasheet
58Kb / 1P
E-Series Surface Mount Mixer 1 - 1000 MHz
MAMXES0028 MACOM-MAMXES0028 Datasheet
98Kb / 3P
E-Series Surface Mount Mixer, 1 - 1000MHz
ESMD-C1 MACOM-ESMD-C1_1 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1 - 1000 MHz
logo
SYNERGY MICROWAVE CORPO...
SMD-3500L SYNERGY-SMD-3500L Datasheet
269Kb / 4P
SURFACE MOUNT MODEL TRIPLE-BALANCED MIXER SURFACE MOUNT 10 - 3500 MHz
logo
M/A-COM Technology Solu...
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer 1 to 1000 MHz
MAMXES0028 MA-COM-MAMXES0028 Datasheet
103Kb / 3P
E-Series Surface Mount Mixer 1 - 1000 MHz
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer 1 to 1000 MHz
MAMXES0115-V5 MA-COM-MAMXES0115-V5 Datasheet
104Kb / 4P
E-Series Surface Mount Mixer 1 ??1000 MHz
MAMXES0115 MA-COM-MAMXES0115_15 Datasheet
104Kb / 4P
E-Series Surface Mount Mixer 1 ??1000 MHz
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com