Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4401SC Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części 2N4401SC
Szczegółowy opis  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N4401SC Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  2N4401SC Datasheet HTML 1Page - KEC(Korea Electronics) 2N4401SC Datasheet HTML 2Page - KEC(Korea Electronics) 2N4401SC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 5. 12
1/3
SEMICONDUCTOR
TECHNICAL DATA
2N4401SC
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Complementary to the 2N4403SC
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23(1)
A
B
C
D
E
2.90 0.1
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
J
K
L
M
N
0.10
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
+
_
1. EMITTER
2. BASE
3. COLLECTOR
Note : * Package Mounted On 99.5% Alumina 10
×8×0.6㎜)
Marking
Lot No.
ZUC
Type Name
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃


Podobny numer części - 2N4401SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
2N4401 PHILIPS-2N4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Rohm
2N4401 ROHM-2N4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Semtech Corporation
2N4401 SEMTECH-2N4401 Datasheet
209Kb / 3P
NPN EXPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4401 FAIRCHILD-2N4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
More results

Podobny opis - 2N4401SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com