Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MACPES0018 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części MACPES0018
Szczegółowy opis  E-Series 75 Ohm 16dB Coupler 5 - 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

MACPES0018 Arkusz danych(HTML) 1 Page - Tyco Electronics

  MACPES0018 Datasheet HTML 1Page - Tyco Electronics MACPES0018 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
Features
Package
Low Intermod Distortion
Coupling 16dB Typical
Surface mount
Tape and Reel Packaging available
Electrical Characteristics @ 25
°C
Parameter
Units
Typical
Minimum
Maximum
Mainline Loss
5 - 40 MHz
40-1000MHz
1000-1200MHz
dB
dB
dB
0.5
0.7
0.8
-
-
-
0.7
0.9
1.0
Mainline Loss Flatness
5-1200MHz
dB
0.5
-
0.8
Coupling
5 - 40 MHz
40-1000MHz
1000-1200MHz
dB
dB
dB
15.9
16.0
16.1
15.7
15.6
15.5
16.2
16.4
16.5
Coupling Flatness
5-1200MHz
dB
0.5
-
0.8
Directivity
5 - 40 MHz
40-1000MHz
1000-1200MHz
dB
dB
dB
45
35
32
40
30
25
-
-
-
Input Return Loss
5 - 40 MHz
40-1000MHz
1000-1200MHz
dB
dB
dB
24
22
24
20
20
20
-
-
-
Output Return Loss
5 - 40 MHz
40-1000MHz
1000-1200MHz
dB
dB
dB
25
22
22
22
20
20
-
-
-
Coupled Return Loss
5 - 40 MHz
40-1000MHz
1000-1200MHz
dB
dB
dB
20
22
20
18
20
18
-
-
-
Description
M/A-COM’s
MACPES0018 is a high performance 75
Ohm Coupler, in a SM-103 low cost, surface mount
package. The MACPES0018
is specifically designed for
extremely low intermod distortion in CATV applications.
E-Series 75 Ohm 16dB Coupler
5 – 1200 MHz
PRELIMINARY


Podobny numer części - MACPES0018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
MACPES0004 MACOM-MACPES0004 Datasheet
62Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
logo
M/A-COM Technology Solu...
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler
MACPES0004 MA-COM-MACPES0004_15 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler
MACPES0007 MA-COM-MACPES0007 Datasheet
64Kb / 2P
E-Series 2-Way 0o Power Divider 5-1000 MHz
More results

Podobny opis - MACPES0018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
ELDC-10 MACOM-ELDC-10 Datasheet
331Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
ELDC-12 MACOM-ELDC-12 Datasheet
164Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
ELDC-12LI MACOM-ELDC-12LI Datasheet
171Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
ELDC-20 MACOM-ELDC-20 Datasheet
162Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
MACPES0004 MACOM-MACPES0004 Datasheet
62Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
logo
M/A-COM Technology Solu...
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
MACPES0034 MA-COM-MACPES0034 Datasheet
73Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
MACP-009011-C80370 MA-COM-MACP-009011-C80370 Datasheet
103Kb / 3P
E-Series 75 Ohm 8 dB Coupler 5 - 1200 MHz
ELDC-14 MA-COM-ELDC-14 Datasheet
197Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
EMDC-16-11-75 MA-COM-EMDC-16-11-75 Datasheet
176Kb / 3P
16dB 75 Ohm Coupler 5-862MHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com