Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT8008GB Arkusz danych(PDF) 6 Page - Richtek Technology Corporation

Numer części RT8008GB
Szczegółowy opis  Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008GB Arkusz danych(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8008GB Datasheet HTML 2Page - Richtek Technology Corporation RT8008GB Datasheet HTML 3Page - Richtek Technology Corporation RT8008GB Datasheet HTML 4Page - Richtek Technology Corporation RT8008GB Datasheet HTML 5Page - Richtek Technology Corporation RT8008GB Datasheet HTML 6Page - Richtek Technology Corporation RT8008GB Datasheet HTML 7Page - Richtek Technology Corporation RT8008GB Datasheet HTML 8Page - Richtek Technology Corporation RT8008GB Datasheet HTML 9Page - Richtek Technology Corporation RT8008GB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT8008GB
Evaluation Board
UG8008GB-00
March
2014
www.richtek.com
6
Schematic, Bill of Materials and Board Layout
EVB Schematic Diagram
L1
2.2uH
R1
120k
R2
120k
C1
22pF
C2
NF
C3
4.7uF
C4
10uF
VIN
SIP-2P-POWER
TP1
GND
1
TP2
GND
1
Vout
SIP-2P-POWER
TP3
LX
U1
SOT-23-5
VIN
4
GND
2
EN
1
LX
3
FB
5
J1
SIP-3P
1
2
3
C3: 4.7
μF/6.3V/X5R, 0603, TDK C2012X5R0J475M
C4: 10μF/6.3V/X5R, 0805, TDK C2012X5R0J106M
L1: 2.2μH TAIYO YUDEN NR3015T2R2M, DCR=60mΩ
Bill of Materials
Reference
Qty
Part number
Description
Package
Manufacture
U1
1
RT8008GB
DC-DC Converter
SOT-23-5
Richtek
C1
1
0603B220K500NT
22pF/±10%50V/X7R
Ceramic Capacitor
0603
WALSIN
C2
0
Not Installed
0603
C3
1
C2012X5R0J475M
4.7
μF/±20%/6.3V/X5R
Ceramic Capacitor
0603
TDK
C4
1
C2012X5R0J106M
10
μF/±20%/6.3V/X5R
Ceramic Capacitor
0805
TDK
L1
1
NR3015T2R2M
2.2
μH/1.5A/±20%,
DCR=60
mΩ, Inductor
3mmx3mmx1.5mm TAIYO YUDEN
R1
1
120
kΩ/±1%, Resistor
0603
R2
1
120
kΩ/±1%, Resistor
0603
J1
1
3-Pin Header
TP
3
Test Pin
GP
4
Golden Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com