Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9328PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF9328PBF
Szczegółowy opis  Industry-Standard SO8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9328PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF9328PBF_15 Datasheet HTML 1Page - International Rectifier IRF9328PBF_15 Datasheet HTML 2Page - International Rectifier IRF9328PBF_15 Datasheet HTML 3Page - International Rectifier IRF9328PBF_15 Datasheet HTML 4Page - International Rectifier IRF9328PBF_15 Datasheet HTML 5Page - International Rectifier IRF9328PBF_15 Datasheet HTML 6Page - International Rectifier IRF9328PBF_15 Datasheet HTML 7Page - International Rectifier IRF9328PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
5/26/10
IRF9328PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
PD - 97518
Features and Benefits
Applications
Charge and Discharge Switch for Notebook PC Battery Application
Features
Resulting Benefits
SO-8






*
6
6
6
'
'
'
'
Industry-Standard SO8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
Absolute Maximum Ratings
Parameter
Units
V DS
Drain-to-S ource Voltage
V GS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, V
GS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current c
P D @TA = 25°C
Power Dissipation f
P D @TA = 70°C
Power Dissipation f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.5
0.02
1.6
Max.
-12
-9.6
-96
± 20
-30
V
A
W
°C
Note
Form
Quantity
IRF9328PbF
SO8
Tube/Bulk
95
IRF9328TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
VDS
-30
V
RDS(on) max
(@VGS = -10V)
11.9
m
Ω
RDS(on) max
(@VGS = -4.5V)
19.7
m
Ω
Qg (typical)
18
nC
ID
(@TA = 25°C)
-12
A


Podobny numer części - IRF9328PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF Datasheet
320Kb / 8P
HEXFET Power MOSFET
IRF9328PBF IRF-IRF9328PBF Datasheet
320Kb / 8P
Charge and Discharge Switch for Notebook PC Battery Application
More results

Podobny opis - IRF9328PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
logo
International Rectifier
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
Industry-Standard SO8 Package
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
Industry-Standard SO8 Package
logo
MMD Components
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
Industry-Standard SO8 Package
6/4/10
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com