| Zakładka z wyszukiwarką danych komponentów |
|
MAX038C/D Arkusz danych(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX038C/D Arkusz danych(HTML) 2 Page - Maxim Integrated Products |
|
2 / 16 page ![]() High-Frequency Waveform Generator 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (Circuit of Figure 1, GND = DGND = 0V, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, CF = 100pF, RIN = 25kΩ, RL = 1kΩ, CL = 20pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. PARAMETER SYMBOL MIN TYP MAX UNITS Frequency Temperature Coefficient ∆Fo/°C 200 ppm/°C 600 IIN Offset Voltage VIN ±1.0 ±2.0 mV Frequency Programming Current IIN 1.25 375 µA ( ∆Fo/Fo) ∆V+ ±0.4 ±2.00 Frequency Power-Supply Rejection ( ∆Fo/Fo) ∆V- ±0.2 ±1.00 %/V Output Peak-to-Peak Symmetry VOUT ±4 mV Maximum Operating Frequency Fo 20.0 40.0 MHz 2.50 750 Output Resistance ROUT 0.1 0.2 Ω Output Short-Circuit Current IOUT 40 mA Amplitude VOUT 1.9 2.0 2.1 VP-P Rise Time tR 12 ns Fall Time tF 12 ns Duty Cycle dc 47 50 53 % Amplitude VOUT 1.9 2.0 2.1 VP-P Nonlinearity 0.5 % Duty Cycle dc 47 50 53 % CONDITIONS VFADJ = -3V VFADJ = 0V VFADJ = -3V V- = -5V, V+ = 4.75V to 5.25V V+ = 5V, V- = -4.75V to -5.25V Short circuit to GND 10% to 90% 90% to 10% VDADJ = 0V, dc = tON/t x 100% 15pCF ≤ 15pF, IIN = 500µA VFADJ = 0V Fo = 100kHz, 5% to 95% VDADJ = 0V (Note 1) V+ to GND ................................................................-0.3V to +6V DV+ to DGND...........................................................-0.3V to +6V V- to GND .................................................................+0.3V to -6V Pin Voltages IIN, FADJ, DADJ, PDO .....................(V- - 0.3V) to (V+ + 0.3V) COSC .....................................................................+0.3V to V- A0, A1, PDI, SYNC, REF.........................................-0.3V to V+ GND to DGND ................................................................±0.3V Maximum Current into Any Pin .........................................±50mA OUT, REF Short-Circuit Duration to GND, V+, V- ...............30sec Continuous Power Dissipation (TA = +70°C) Plastic DIP (derate 11.11mW/°C above +70°C) ..........889mW SO (derate 10.00mW/°C above +70°C) .......................800mW CERDIP (derate 11.11mW/°C above +70°C) ...............889mW Operating Temperature Ranges MAX038C_ _ .......................................................0°C to +70°C MAX038E_ _ ....................................................-40°C to +85°C Maximum Junction Temperature .....................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C Amplitude VOUT 1.9 2.0 2.1 VP-P Duty cycle adjusted to 50% 0.75 Total Harmonic Distortion THD Duty cycle unadjusted 1.50 % Fo/°C FREQUENCY CHARACTERISTICS OUTPUT AMPLIFIER (applies to all waveforms) SQUARE-WAVE OUTPUT (RL = 100Ω) TRIANGLE-WAVE OUTPUT (RL = 100Ω) SINE-WAVE OUTPUT (RL = 100Ω) |