Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2264 Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX2264
Szczegółowy opis  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2264 Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX2264 Datasheet HTML 1Page - Maxim Integrated Products MAX2264 Datasheet HTML 2Page - Maxim Integrated Products MAX2264 Datasheet HTML 3Page - Maxim Integrated Products MAX2264 Datasheet HTML 4Page - Maxim Integrated Products MAX2264 Datasheet HTML 5Page - Maxim Integrated Products MAX2264 Datasheet HTML 6Page - Maxim Integrated Products MAX2264 Datasheet HTML 7Page - Maxim Integrated Products MAX2264 Datasheet HTML 8Page - Maxim Integrated Products MAX2264 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX2264/MAX2265/MAX2266 power amplifiers are
designed for operation in IS-98-based CDMA, IS-136-
based TDMA, and PDC cellular telephones operating in
the 900MHz range. When matched for CDMA operation
and biased with margin over the adjacent and alternate
channel specification (-45dBc/-56dBc), the amplifiers
achieve 28dBm output power with 37% efficiency
(MAX2265). At +16dBm output—a very common power
level for CDMA phones—the MAX2265 still has 7% effi-
ciency, yielding excellent overall talk time. At the same
power level, the MAX2264/MAX2266 have an unprece-
dented 12%/17% efficiency, while still obtaining
32%/32% efficiency at maximum output power.
The MAX2264/MAX2265/MAX2266 have internally refer-
enced bias ports that are normally terminated with sim-
ple resistors. The bias ports allow customization of
ACPR margin and gain. They can also be used to
“throttle back” bias current when generating low power
levels. The MAX2264/MAX2265/MAX2266 have excel-
lent gain stability over temperature (±0.8dB), so
overdesign of driver stages and excess driver current
are dramatically reduced, further increasing the
phone’s talk time. The devices can be operated from
+2.7V to +5V while meeting all ACPR specifications
over the entire temperature range. Nonlinear efficiency
is 48% when matched for linear operation, or 55% when
matched for non-linear-only operation (MAX2265).
The devices are packaged in a 16-pin TSSOP with
exposed pad (EP). For module or direct chip attach
applications, the MAX2264 is also available in die form.
Applications
Cellular-Band CDMA Dual-Mode Phones
Cellular-Band PDC Phones
Cellular-Band TDMA Dual-Mode Phones
Dual-Mode Phones
2-Way Pagers
Power-Amplifier Modules
Features
o Low Average CDMA Current Consumption in
Typical Urban Scenario
55mA (MAX2264)
90mA (MAX2265)
40mA (MAX2266)
o 0.5µA Shutdown Mode Eliminates External
Supply Switch
o ±0.8dB Gain Variation Over Temperature
o No External Reference or Logic Interface
Circuitry Needed
o Supply Current and ACPR Margin
Dynamically Adjustable
o +2.7V to +5V Single-Supply Operation
o 37% Efficiency at +2.7V Operation
PART
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
MAX2264/MAX2266
IN1
IN0
BIAS2H
VCC
GND
NFP
OUT0
BIAS1L
OUT1
PWR
VCC
SHDN
BIAS1H
VCC
BIAS2L
OUT1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TSSOP-EP
19-1524; Rev 2; 11/99
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Pin Configurations
Ordering Information
Selector Guide
*Contact factory for dice specifications.
Pin Configurations continued at end of data sheet.
POWER-ADDED EFFICIENCY (%)
CDMA AT
+28dBm
CDMA AT
+16dBm
TDMA AT
+30dBm
42
7
12
32
37
MAX2265
MAX2264
DEVICE
16 TSSOP-EP
Dice*
16 TSSOP-EP
PIN-
PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX2265EUE
MAX2264E/D
MAX2264EUE
16 TSSOP-EP
-40°C to +85°C
MAX2266EUE
17
32
MAX2266
TSSOP-EP
5mm x 6.4mm


Podobny numer części - MAX2264

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
419Kb / 12P
RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
MAX2264EVKIT MAXIM-MAX2264EVKIT Datasheet
419Kb / 12P
RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
More results

Podobny opis - MAX2264

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
MHL9236 MOTOROLA-MHL9236 Datasheet
277Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
Cellular-band Single-Branch Downconverter
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
logo
Maxim Integrated Produc...
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
logo
ANADIGICS, Inc
AWT6222 ANADIGICS-AWT6222 Datasheet
406Kb / 8P
HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
Rev 2.1
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com