Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTMSS1278F Arkusz danych(PDF) 1 Page - Central Technologies

Numer części CTMSS1278F
Szczegółowy opis  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CT [Central Technologies]
Strona internetowa  http://www.ctparts.com
Logo CT - Central Technologies

CTMSS1278F Arkusz danych(HTML) 1 Page - Central Technologies

  CTMSS1278F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.21.12
Power Inductors - Shielded
www.ctparts.com
CTMSS1278F
Series
From 1.4 µH to 1,000 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
M = ±20%, K = ±10%
Irms based on temp. rise 40°C Typ.
Isat based on DL/L0A=20% Max.
Inductance
SRF
DCR
Part
at 100kHz
Typ.
Max.
Irms
Isat
Number
(µH)
(MHz)
(mW)
(A)
(A)
CTMSS1278F-1R4M
1.4
80.0
11
10.00
18.00
CTMSS1278F-4R7M
4.7
30.0
20
6.20
11.00
CTMSS1278F-6R0M
6.0
21.0
24
6.00
10.00
CTMSS1278F-8R2M
8.2
20.0
28
5.90
8.50
CTMSS1278F-100M
10
17.0
30
5.70
8.00
CTMSS1278F-120M
12
15.0
32
5.20
7.50
CTMSS1278F-150M
15
13.0
38
4.90
6.80
CTMSS1278F-180M
18
12.0
43
4.50
6.30
CTMSS1278F-220M
22
11.0
50
4.00
5.70
CTMSS1278F-270M
27
10.0
60
3.60
5.00
CTMSS1278F-330M
33
9.5
80
3.10
4.70
CTMSS1278F-390M
39
8.5
85
3.00
4.60
CTMSS1278F-470M
47
7.5
100
2.90
3.80
CTMSS1278F-560M
56
7.0
110
2.70
3.50
CTMSS1278F-680M
68
6.5
120
2.60
3.20
CTMSS1278F-820M
82
5.0
150
2.30
3.00
CTMSS1278F-101M
100
4.5
180
2.00
2.60
CTMSS1278F-121K
120
4.3
230
1.90
2.50
CTMSS1278F-151K
150
4.1
270
1.80
2.20
CTMSS1278F-181K
180
4.0
300
1.70
2.00
CTMSS1278F-221K
220
3.4
400
1.60
1.80
CTMSS1278F-271K
270
3.1
530
1.20
1.60
CTMSS1278F-331K
330
2.9
600
1.00
1.50
CTMSS1278F-391K
390
2.7
680
1.00
1.30
CTMSS1278F-471K
470
2.2
880
0.90
1.20
CTMSS1278F-561K
560
2.0
960
0.80
1.10
CTMSS1278F-681K
680
1.7
1300
0.75
1.00
CTMSS1278F-821K
820
1.4
1500
0.70
0.95
CTMSS1278F-102K
1000
1.3
1700
0.68
0.85
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: LCD panels, PC notebooks, portable
communication equipment, DC/DC converters, etc.
Temp. Rise: 40°C Typ.
Operating Temperature: -40°C to +125°C (temp. rise included)
Storage Temperature: -40°C to +125°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance tested at 100KHz, 0.1V.
Resistance to solder heat: 245°C, 10 seconds.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant. Magnetically shielded.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Marking
C
D
100
A
5.5Ref.
4.5Ref.
4.0Ref.
4.0Ref.
A
B
C
D
E
Max.
Typ.
Typ.
12.0±0.3
12.0±0.3
8.0
5.0
5.7
0.472±0.012
0.472±0.12
0.315
0.197
0.224
Size
mm
inches
Unit: mm


Podobny numer części - CTMSS1278F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
CT PROTECTOR
logo
BlockMaster Electronics...
CTM BLOCKMASTER-ELECTRONICS-CTM Datasheet
159Kb / 1P
This specification applies to – CBFXX0R8- Plug
CBFXX0R8
CTM BLOCKMASTER-ELECTRONICS-CTM Datasheet
160Kb / 1P
This specification applies to – CBFXX0R9- Plug
6/11/2017
CTM BLOCKMASTER-ELECTRONICS-CTM Datasheet
163Kb / 1P
This specification applies to – CBFXX0RT- Plug
CBFXX0RT
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
DIRECTIONAL COUPLERS
More results

Podobny opis - CTMSS1278F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com