Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LRH1025 Arkusz danych(PDF) 10 Page - LUXPIA

Numer części LRH1025
Szczegółowy opis  Specification for Approval
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUXPIA [LUXPIA]
Strona internetowa  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1025 Arkusz danych(HTML) 10 Page - LUXPIA

Back Button LRH1025 Datasheet HTML 6Page - LUXPIA LRH1025 Datasheet HTML 7Page - LUXPIA LRH1025 Datasheet HTML 8Page - LUXPIA LRH1025 Datasheet HTML 9Page - LUXPIA LRH1025 Datasheet HTML 10Page - LUXPIA LRH1025 Datasheet HTML 11Page - LUXPIA LRH1025 Datasheet HTML 12Page - LUXPIA LRH1025 Datasheet HTML 13Page - LUXPIA LRH1025 Datasheet HTML 14Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9/16
8.2. criteria for judging the damage
item
symbol
test condition
criteria for judgement
min
max
forward voltage
VF
IF = 20mA
-
U.S.L.4) × 1.1
luminous intensity
IV
IF = 20mA
L.S.L.5) × 0.7
-
4) U.S.L. : upper standard level
5) L.S.L. : lower standard level
9. Cautions
White LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of White LEDs is subject to change a little by an operating current. Care
should be taken after due consideration when using LEDs.
(1) Moisture-Proof Package
• When moisture is absorbed into the SMT package it may vaporize and expand products during
soldering. There is a possibility that this may cause exfoliation of the contacts and damage to the
optical characteristics of the LEDs. For this reason, the moisture-proof package is used to keep
moisture to a minimum in the package.
• A package of a moisture-absorbent material (silica gel) is inserted into the shielding bag. The
silica gel changes its color from blue to pink as it absorbs moisture.
(2) Storage
• Storage Conditions
- After opening the package :
The LEDs should be kept at 5 ~40
or less and 30%RH or less. The LEDs should be used within
℃℃
a year. When storing the LEDs, moisture-proof packaging with moisture-absorbent material (silica
gel) is
recommended. If unused LEDs remain, they should be stored in moisture-proof packages, such as
sealed containers with packages of moisture-absorbent material (silica gel). It is also
recommended to return the LEDs to the original moisture-proof bag and to reseal the moisture-
proof bag again.
• If the moisture-absorbent material (silica gel) has faded away or the LEDs have exceeded the
recommended storage time, baking treatment should be performed using the following conditions.
- Baking treatment : LED bulk: more than 12 hours at 125±5℃
LED Reel: more than 24 hours at 60±5℃
• Luxpia's LED electrode sections are comprised of a silver-plated copper alloy. The silver surface
may be affected by environments which contain corrosive gases and so on. Please avoid condition
which may cause difficulty during soldering operations. It is recommended that the User use the
LEDs as soon as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com