Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LYH1025 Arkusz danych(PDF) 8 Page - LUXPIA

Numer części LYH1025
Szczegółowy opis  Specification for Approval
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUXPIA [LUXPIA]
Strona internetowa  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LYH1025 Arkusz danych(HTML) 8 Page - LUXPIA

Back Button LYH1025 Datasheet HTML 4Page - LUXPIA LYH1025 Datasheet HTML 5Page - LUXPIA LYH1025 Datasheet HTML 6Page - LUXPIA LYH1025 Datasheet HTML 7Page - LUXPIA LYH1025 Datasheet HTML 8Page - LUXPIA LYH1025 Datasheet HTML 9Page - LUXPIA LYH1025 Datasheet HTML 10Page - LUXPIA LYH1025 Datasheet HTML 11Page - LUXPIA LYH1025 Datasheet HTML 12Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7/13
8. Reliability
8.1. test items and results
no.
test item
Test Conditions
Note
number of
damaged
sample
1
resistance to soldering
heat
(reflow)
Tsld=260oC, 10sec
(pre treatment
60oC,90%,24hrs)
2 times
0/45
2
solderability
(reflow)
Tsld=215±5oC, 3sec
1 time
over 95%
0/45
3
temperature cycle
-40oC through +25oC to
+100℃
(30min/5min/30min)
100 cycles
0/45
4
high temperature storage
Ta=100℃
1000 hrs
0/45
5
high humidity and
temperature storage
Ta=60 , RH=90%
1000 hrs
0/45
6
low temperature storage
Ta=-40℃
1000 hrs
0/45
7
steady-state operating
lifetime test
Ta=25 ,
IF=30mA
500 hrs
0/45
8
steady-state operating
lifetime of high
temperature
Ta=85 , I
F=5mA
1000 hrs
0/45
9
steady-state operating
lifetime of high humidity
and temperature
Ta=60 , RH=90%, I
F=15mA
500 hrs
0/45
10
steady-state operating
lifetime of low
temperature
Ta=-30 , I
F=20mA
1000 hrs
0/45
* LED with Luxpia standard circuit board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com