| Zakładka z wyszukiwarką danych komponentów |
|
MAX245C Arkusz danych(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX245C Arkusz danych(HTML) 2 Page - Maxim Integrated Products |
|
2 / 36 page ![]() +5V-Powered, Multichannel RS-232 Drivers/Receivers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS—MAX220/222/232A/233A/242/243 ELECTRICAL CHARACTERISTICS—MAX220/222/232A/233A/242/243 (VCC = +5V ±10%, C1–C4 = 0.1µF‚ MAX220, C1 = 0.047µF, C2–C4 = 0.33µF, TA = TMIN to TMAX‚ unless otherwise noted.) Note 1: For the MAX220, V+ and V- can have a maximum magnitude of 7V, but their absolute difference cannot exceed 13V. Note 2: Input voltage measured with TOUT in high-impedance state, SHDN or VCC = 0V. Note 3: Maximum reflow temperature for the MAX233A is +225°C. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Supply Voltage (VCC) ...............................................-0.3V to +6V V+ (Note 1) ..................................................(VCC - 0.3V) to +14V V- (Note 1) .............................................................+0.3V to +14V Input Voltages TIN..............................................................-0.3V to (VCC - 0.3V) RIN (Except MAX220) ........................................................±30V RIN (MAX220).....................................................................±25V TOUT (Except MAX220) (Note 2) .......................................±15V TOUT (MAX220)...............................................................±13.2V Output Voltages TOUT...................................................................................±15V ROUT.........................................................-0.3V to (VCC + 0.3V) Driver/Receiver Output Short Circuited to GND.........Continuous Continuous Power Dissipation (TA = +70°C) 16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)..842mW 18-Pin Plastic DIP (derate 11.11mW/°C above +70°C)..889mW 20-Pin Plastic DIP (derate 8.00mW/°C above +70°C) ..440mW 16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW 16-Pin Wide SO (derate 9.52mW/°C above +70°C)......762mW 18-Pin Wide SO (derate 9.52mW/°C above +70°C)......762mW 20-Pin Wide SO (derate 10.00mW/°C above +70°C)....800mW 20-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW 16-Pin CERDIP (derate 10.00mW/°C above +70°C).....800mW 18-Pin CERDIP (derate 10.53mW/°C above +70°C).....842mW Operating Temperature Ranges MAX2_ _AC_ _, MAX2_ _C_ _ .............................0°C to +70°C MAX2_ _AE_ _, MAX2_ _E_ _ ..........................-40°C to +85°C MAX2_ _AM_ _, MAX2_ _M_ _ .......................-55°C to +125°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10s) (Note 3) ...................+300°C PARAMETER CONDITIONS MIN TYP MAX UNITS RS-232 TRANSMITTERS Output Voltage Swing All transmitter outputs loaded with 3k Ω to GND ±5 ±8 V Input Logic Threshold Low 1.4 0.8 V All devices except MAX220 2 1.4 Input Logic Threshold High MAX220: VCC = 5.0V 2.4 V All except MAX220, normal operation 5 40 Logic Pullup/lnput Current SHDN = 0V, MAX222/MAX242, shutdown, MAX220 ±0.01 ±1 µA VCC = 5.5V, SHDN = 0V, VOUT = ±15V, MAX222/MAX242 ±0.01 ±10 VOUT = ±15V ±0.01 ±10 Output Leakage Current VCC = SHDN = 0V MAX220, VOUT = ±12V ±25 µA Data Rate 200 116 kbps Transmitter Output Resistance VCC = V+ = V- = 0V, VOUT = ±2V 300 10M Ω VOUT = 0V ±7 ±22 Output Short-Circuit Current VOUT = 0V MAX220 ±60 mA RS-232 RECEIVERS ±30 RS-232 Input Voltage Operating Range MAX220 ±25 V All except MAX243 R2IN 0.8 1.3 RS-232 Input Threshold Low VCC = 5V MAX243 R2 IN (Note 4) -3 V All except MAX243 R2IN 1.8 2.4 RS-232 Input Threshold High VCC = 5V MAX243 R2 IN (Note 4) -0.5 -0.1 V |