Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF2907ZPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF2907ZPBF
Szczegółowy opis  Advanced Process Technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF2907ZPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF2907ZPBF Datasheet HTML 1Page - International Rectifier IRF2907ZPBF Datasheet HTML 2Page - International Rectifier IRF2907ZPBF Datasheet HTML 3Page - International Rectifier IRF2907ZPBF Datasheet HTML 4Page - International Rectifier IRF2907ZPBF Datasheet HTML 5Page - International Rectifier IRF2907ZPBF Datasheet HTML 6Page - International Rectifier IRF2907ZPBF Datasheet HTML 7Page - International Rectifier IRF2907ZPBF Datasheet HTML 8Page - International Rectifier IRF2907ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF2907Z/S/LPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L=0.095mH,
RG = 25Ω, IAS = 75A, VGS =10V.
Part not recommended for use above this value.
ƒ ISD ≤ 75A, di/dt ≤ 340A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from
0 to 80% VDSS.
† Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
‡This value determined from sample failure population.
100% tested to this value in production.
ˆThis is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
‰Rθ is measured at TJ of approximately 90°C.
ŠTO-220 device will have an Rth of 0.45°C/W.
∗ Calculated continuous current based on maximum
allowable junction temperature. Bond wire current limit is
160A.Note that current limitations arising from heating of
the device leads may occur with some lead mounting
arrangements. (Refer to AN-1140 http://www.irf.com/
technical-info/appnotes/an-1140.pdf)
S
D
G
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage75
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.069
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.5
4.5
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
180
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
180
270
Qgs
Gate-to-Source Charge
–––
46
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
65
–––
td(on)
Turn-On Delay Time
–––19–––
ns
tr
Rise Time
–––
140
–––
td(off)
Turn-Off Delay Time
–––97–––
tf
Fall Time
–––
100
–––
LD
Internal Drain Inductance
–––
5.0
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
13
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
7500
–––
pF
Coss
Output Capacitance
–––
970
–––
Crss
Reverse Transfer Capacitance
–––
510
–––
Coss
Output Capacitance
–––
3640
–––
Coss
Output Capacitance
–––
650
–––
Coss eff.
Effective Output Capacitance
–––
1020
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
41
61
ns
Qrr
Reverse Recovery Charge
–––
59
89
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
–––
–––
160*
680
VDS = VGS, ID = 250µA
VDS = 75V, VGS = 0V
VDS = 75V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 75A f
TJ = 25°C, IF = 75A, VDD = 38V
di/dt = 100A/µs
f
TJ = 25°C, IS = 75A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V f
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 60V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 60V
ƒ = 1.0MHz, See Fig. 5
RG = 2.5
Ω
ID = 75A
VDS = 25V, ID = 75A
VDD = 38V
ID = 75A
VGS = 20V
VGS = -20V
VDS = 60V
VGS = 10V f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com