| Zakładka z wyszukiwarką danych komponentów |
|
MAX4131C/D Arkusz danych(PDF) 8 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4131C/D Arkusz danych(HTML) 8 Page - Maxim Integrated Products |
|
8 / 16 page ![]() Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps 8 _______________________________________________________________________________________ ______________________________________________________________Pin Description Inverting Inputs for amps 1 and 2 IN1-, IN2- — Noninverting Inputs for amps 1 and 2 IN1+, IN2+ — Shutdown Control, independent for amps 1 and 2. Tie high or leave floating to enable amplifier. SHDN1, SHDN2 — Outputs for amps 3 and 4 OUT3, OUT4 — Inverting Inputs for amps 3 and 4 IN3-, IN4- — Positive Supply VCC 5 No Connect. Not internally connected. N.C. — Shutdown Control. Tie high or leave floating to enable amplifier. SHDN — Outputs for amps 1 and 2 OUT1, OUT2 — Inverting Input IN- 4 Noninverting Input IN+ 3 MAX4130 Negative Supply. Ground for single-supply operation. VEE 2 Output OUT 1 FUNCTION NAME — — — — — 7 1, 5 8 — 2 3 MAX4131 4 6 2, 6 3, 5 — — — 8 — — 1, 7 — — MAX4132 4 — 2, 12 3, 11 6, 9 — — 14 5, 7, 8, 10 — 1, 13 — — MAX4133 4 — 2, 6 3, 5 — 8, 14 9, 13 4 — — 1, 7 — — MAX4134 11 — Noninverting Inputs for amps 3 and 4 IN3+, IN4+ — — — — 10, 12 R3 R3 = R1 R2 R1 R2 MAX4130 MAX4131 MAX4132 MAX4133 MAX4134 Figure 1a. Reducing Offset Error Due to Bias Current (Noninverting) R3 R3 = R1 R2 R1 R2 MAX4130 MAX4131 MAX4132 MAX4133 MAX4134 Figure 1b. Reducing Offset Error Due to Bias Current (Inverting) |