Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX4471ESA Arkusz danych(PDF) 2 Page - Maxim Integrated Products

Numer części MAX4471ESA
Szczegółowy opis  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4471ESA Arkusz danych(HTML) 2 Page - Maxim Integrated Products

  MAX4471ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, VCM = 0, VOUT = VDD/2, RL =
∞ to VDD/2, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to VSS ...............................................................-0.3V to +6V
IN_+ or IN_-......................................(VSS - 0.3V) to (VDD + 0.3V)
OUT_ Shorted to VSS or VDD......................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C)...................247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C).................571mW
8-Pin SOT23 (derate 8.9mW/°C above +70°C).................714mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..................362mW
8-Pin SO (derate 5.88mW/°C above +70°C)....................471mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ...........727mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range ......................... -40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR tests
1.8
5.5
V
VDD = +1.8V
0.6
Supply Current (Per
Amplifier)
IDD
VDD = +5.0V
0.75
1.2
µA
Input Offset Voltage
VOS
±0.5
±7.0
mV
Input Bias Current
IB
±200
±1500
pA
Input Offset Current
IOS
±12.5
pA
Input Common-Mode
Voltage Range
VCM
Guaranteed by the CMRR test
VSS
VDD -
1.1
V
Common-Mode Rejection
Ratio
CMRR
Specified with VSS
≤ VCM ≤ (VDD - 1.1V)
70
95
dB
Power-Supply Rejection
Ratio
PSRR
+1.8V
≤ VDD ≤ +5.5V
70
90
dB
RL = 1M
Ω, VOUT = 50mV to VDD - 50mV
90
120
RL = 100k
Ω, VOUT = 200mV to VDD - 200mV
90
112
Large-Signal Voltage Gain
AVOL
RL = 10k
Ω, VOUT = 200mV to VDD - 200mV
100
dB
RL = 1M
Ω
14
RL = 100k
Ω
410
VOH
Swing high
specified as
VDD - VOH
RL = 10k
Ω
40
RL = 1M
Ω
0.5
5
RL = 100k
Ω
15
Output Voltage Swing
VOL
Swing low
specified as
VOL - VSS
RL = 10k
Ω
10
mV
MAX4470/MAX4471/MAX4472
9
Gain-Bandwidth Product
GBW
MAX4464/MAX4474
40
kHz
MAX4470/MAX4471/MAX4472
90
Phase Margin
φM
MAX4464/MAX4474
80
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14