| Zakładka z wyszukiwarką danych komponentów |
|
ICS8312 Arkusz danych(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS8312 Arkusz danych(HTML) 13 Page - Integrated Device Technology |
|
13 / 18 page ![]() ICS8312 LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER 13 ICS8312AY REV. D JULY 3, 2008 Application Information Recommendations for Unused Input and Output Pins Inputs: LVCMOS Control Pins: All control pins have internal pull-ups or pull-downs; additional resistance is not required but can be added for additional protection. A 1k Ω resistor can be used. Outputs: LVCMOS Outputs: All unused LVCMOS output can be left floating. There should be no trace attached. |