Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX5158EEE Arkusz danych(PDF) 3 Page - Maxim Integrated Products

Numer części MAX5158EEE
Szczegółowy opis  Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5158EEE Arkusz danych(HTML) 3 Page - Maxim Integrated Products

  MAX5158EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Power, Dual, 10-Bit, Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5158 (continued)
(VDD = +5V ±10%, VREFA = VREFB = 2.048V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA= +25°C (OS_ tied to AGND for a gain of +2V/V).)
Note 1: Accuracy is specified from code 2 to code 1023.
Note 2: Accuracy is better than 1LSB for VOUT_ greater than 6mV and less than VDD - 50mV. Guaranteed by PSRR test at the
end points.
Note 3: Digital inputs are set to either VDD or DGND, code = 0000 hex, RL = ∞.
Note 4: SCLK minimum clock period includes rise and fall times.
CS = VDD, fDIN = 100kHz, VSCLK = 5Vp-p
ISOURCE = 2mA
(Note 4)
(Note 3)
(Note 3)
ns
Rail-to-rail (Note 2)
To 1/2LSB of full-scale, VSTEP = 4V
40
ISINK = 2mA
tCL
SCLK Pulse Width Low
CONDITIONS
ns
40
tCH
SCLK Pulse Width High
nV-s
5
Digital Crosstalk
nV-s
5
Digital Feedthrough
µs
25
Time Required to Exit Shutdown
k
Ω
24
34
ROS_
OSA or OSB Input Resistance
ns
100
tCP
SCLK Clock Period
µA
0
±1
Reference Current in Shutdown
µA
2
10
IDD(SHDN)
Power-Supply Current
in Shutdown
mA
0.5
0.65
IDD
Power-Supply Current
V
4.5
5.5
VDD
Positive Supply Voltage
ns
40
tDS
SDI Setup Time
ns
V
VDD - 0.5
VOH
Output High Voltage
0
tCSH
SCLK Rise to CS Rise Hold Time
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
CLOAD = 200pF
V
0 to VDD
Output Voltage Swing
µs
8
Output Settling Time
CLOAD = 200pF
ns
80
V
0.13
0.4
VOL
Output Low Voltage
V/µs
0.75
SR
Voltage Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
tDO2
SCLK Fall to DOUT
Valid Propagation Delay
ns
80
tDO1
SCLK Rise to DOUT
Valid Propagation Delay
ns
0
tDH
SDI Hold Time
ns
100
tCSW
CS Pulse Width High
ns
40
tCS1
CS Rise to SCLK Rise Hold
ns
10
tCS0
SCLK Rise to CS Fall Delay
DIGITAL OUTPUTS (DOUT, UPO)
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16