| Zakładka z wyszukiwarką danych komponentów |
|
LP2985 Arkusz danych(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985 Arkusz danych(HTML) 20 Page - Texas Instruments |
|
20 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Sep-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2985A-18DBVRE4 ACTIVE SOT-23 DBV 5 TBD Call TI Call TI -40 to 125 LP2985A-18DBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LPTG LP2985A-18DBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (LPTG ~ LPTL) LP2985A-18DBVTE4 ACTIVE SOT-23 DBV 5 TBD Call TI Call TI -40 to 125 LP2985A-25DBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LPUG ~ LPUL) LP2985A-25DBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LPUG ~ LPUL) LP2985A-25DBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LPUG ~ LPUL) LP2985A-25DBVTG4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LPUG ~ LPUL) LP2985A-28DBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (LPJG ~ LPJL) LP2985A-28DBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (LPJG ~ LPJL) LP2985A-29DBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LPZG ~ LPZL) LP2985A-30DBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LRAG ~ LRAL) LP2985A-30DBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LRAG ~ LRAL) LP2985A-30DBVTG4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (LRAG ~ LRAL) LP2985A-33DBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (LPKG ~ LPKL) LP2985A-33DBVRE4 ACTIVE SOT-23 DBV 5 TBD Call TI Call TI -40 to 125 LP2985A-33DBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LPKG LP2985A-33DBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (LPKG ~ LPKL) |