| Zakładka z wyszukiwarką danych komponentów |
|
IRMCF341 Arkusz danych(PDF) 25 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCF341 Arkusz danych(HTML) 25 Page - International Rectifier |
|
25 / 32 page ![]() IRMCF341 25 7.9 UART AC Timing TXD RXD Data and Parity Bit Start Bit TBAUD Stop Bit TUARTFIL Unless specified, Ta = 25˚C. Symbol Parameter Min Typ Max Unit TBAUD Baud Rate Period - 57600 - bit/sec TUARTFIL UART sampling filter period (1) - 1/16 - TBAUD Table 17. UART AC Timing Note: (1) Each bit including start and stop bit is sampled three times at center of a bit at an interval of 1/16 TBAUD. If three sampled values do not agree, then UART noise error is generated. |