| Zakładka z wyszukiwarką danych komponentów |
|
S1004 Arkusz danych(PDF) 13 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1004 Arkusz danych(HTML) 13 Page - Seiko Instruments Inc |
|
13 / 42 page ![]() BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN Rev.2.1_00 S-1004 Series Seiko Instruments Inc. 13 Standard Circuits 1. Nch open-drain output product VDD OUT VSS R 100 k Ω SENSE CD *1 CD *1. The delay capacitor (CD) should be connected directly to the CD pin and the VSS pin. Figure 14 2. CMOS output product VDD OUT VSS SENSE CD *1 CD *1. The delay capacitor (CD) should be connected directly to the CD pin and the VSS pin. Figure 15 Caution The above connection diagram and constant will not guarantee successful operation. Perform thorough evaluation using the actual application to set the constant. |