Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S19500 Arkusz danych(PDF) 21 Page - Seiko Instruments Inc

Numer części S19500
Szczegółowy opis  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SII [Seiko Instruments Inc]
Strona internetowa  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19500 Arkusz danych(HTML) 21 Page - Seiko Instruments Inc

Back Button S19500 Datasheet HTML 17Page - Seiko Instruments Inc S19500 Datasheet HTML 18Page - Seiko Instruments Inc S19500 Datasheet HTML 19Page - Seiko Instruments Inc S19500 Datasheet HTML 20Page - Seiko Instruments Inc S19500 Datasheet HTML 21Page - Seiko Instruments Inc S19500 Datasheet HTML 22Page - Seiko Instruments Inc S19500 Datasheet HTML 23Page - Seiko Instruments Inc S19500 Datasheet HTML 24Page - Seiko Instruments Inc S19500 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Rev.1.2_00
S-19500/19501 Series
Seiko Instruments Inc.
21
Selection of Watchdog Activation Threshold Current Adjustment Resistor (RWADJ,ext)
In the S-19500/19501 Series, the watchdog activation threshold current adjustment resistor (RWADJ,ext) can be
connected between the WADJ pin and the VSS pin to adjust the watchdog timer activation threshold current.
The set watchdog activation threshold current (IO,WDact(S)), the set watchdog deactivation threshold current (IO,WDdeact(S))
and the set watchdog activation hysteresis current (IO,WDhys(s)) are calculated by using following equations, respectively.
The watchdog activation threshold current (IO,WDact), the watchdog deactivation threshold current (IO,WDdeact) and the
watchdog activation hysteresis current (IO,WDhys) when the WADJ pin is open are shown in " Electrical
Characteristics".
IO,WDact(S) [mA] = IO,WDact [mA]
×
1
+
RWADJ,int [k
Ω]
RWADJ,ext [k
Ω]
IO,WDdeact(S) [mA] = IO,WDdeact [mA]
×
1
+
RWADJ,int [k
Ω]
RWADJ,ext [k
Ω]
IO,WDhys(S) [mA] = IO,WDact(S) [mA]
− IO,WDdeact(S) [mA]
Caution 1. The above equations will not guarantee successful operation. Perform thorough evaluation including
the temperature characteristics using an actual application to set the constants.
2.
Mounted board layout should be made in such a way that no current flows into or flows from the
WADJ pin since the impedance of the WADJ pin is high, otherwise correct IO,WDact and IO,WDdeact may
not be provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com