| Zakładka z wyszukiwarką danych komponentów |
|
UC3848G-S08-R Arkusz danych(PDF) 10 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3848G-S08-R Arkusz danych(HTML) 10 Page - Unisonic Technologies |
|
10 / 11 page ![]() UC3848 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 10 of 11 www.unisonic.com.tw QW-R103-033.F TYPICAL CHARACTERISTICS Feedback Voltage During Loadjump From 10% Up To 100% Load (VAC=90V) Feedback Voltage During Loadjump From 10% Up To 100% Load (VAC=264V) Startup With Full Load Condition at VAC=90V, VSS and VOUT Startup With Full Load Condition at VAC=264V, VSS and VOUT Startup Behavior At Nominal Load Condition VAC=90V Startup Behavior At Nominal Load Condition VAC=264V 0 2000 0 -2V 2V Time (400μs/div) 4V 6V 8V 10V 12V 0 -2V 2V 4V 6V 8V 10V 12V Time (10ms/div) 0 50 100 0 5V 10V 0 2V 4V Time (10ms/div) 0 50 100 0 5V 10V Time (4ms/div) 020 40 0 2V 4V 0 2V 4V Time (4ms/div) 020 40 0 2V 4V 0 2V 4V 4000 0 2000 Time (400μs/div) 4000 6V 8V 6V 8V 6V 8V VSS VOUT VSS VOUT 0 2V 4V 6V 8V VSS VFB VSS VFB |