Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D2140D Arkusz danych(PDF) 2 Page - Nell Semiconductor Co., Ltd

Numer części D2140D
Szczegółowy opis  High voltage ratings up to 3600V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D2140D Arkusz danych(HTML) 2 Page - Nell Semiconductor Co., Ltd

  D2140D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D2140D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D2140D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D2140D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D2140D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
A
55(85)
ºC
Maximum peak, one cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
3700
24000
25100
20200
21100
2880
2615
2030
2
kA s
A
1850
t = 0.1 to 10 ms, no voltage reapplied
Maximum l²t for fusing
28800
V
0.89
2140(1000)
VFM
l
= 4000A,
pk
T =T maximum
J
J
,
0.23
V
VF(TO)1
rt1
2
I √t
2
kA s
Maximum l²√t for fusing
No voltage
reapplied
50%VRRM
reapplied
No voltage
reapplied
50%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
VF(TO)2
rt2
Maximum forward voltage drop
High level value of forward slope resistance
Low level value of forward slope resistance
High level value of threshold voltage
Low level value of threshold voltage
Maximum RMS
current
forward
25°C heatsink temperature double side cooled
(16.7% x π x l
< I
),T =T maximum
F(AV)
J
J
< π x lF(AV)
(I >
),T =T maximum
J
J
π x lF(AV)
(16.7% x π x l
< I
),T =T maximum
F(AV)
J
J
< π x lF(AV)
(I >
),T =T maximum
J
J
π x lF(AV)
A
1.02
0.21
1.65
2
I t
t = 10 ms sinusoidal wave
p
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
ºC
-40 to 150
-55 to 200
0.042
0.020
22250
(2250)
425
TO-200AC (K-PUK), Nell’s D-type Cap
g
(kg)
N
K/W
Maximum
operating temperature range
junction
Maximum storage temperature range
Maximum thermal resistance, junction to heatsink
Mounting force, ±10%
Approximate weight
Case style
TJ
Tstg
RthJ-hs
DC operation single side cooled
DC operation double side cooled
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
120°
90°
60°
30°
• The table above shows the increment of thermal resistance R
when devices
thJ-hs
operate at different conduction angles than DC
Note
UNITS
TEST CONDUCTIONS
K/W
T = T maximum
J
J
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
0.002
0.002
0.003
0.004
0.007
0.002
0.002
0.003
0.004
0.007
0.001
0.001
0.002
0.002
0.003
0.003
0.004
0.004
0.007
0.007
Page 2 of 5
www.nellsemi.com
D2140D Series



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com