Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D3270D Arkusz danych(PDF) 3 Page - Nell Semiconductor Co., Ltd

Numer części D3270D
Szczegółowy opis  High voltage ratings up to 2200V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D3270D Arkusz danych(HTML) 3 Page - Nell Semiconductor Co., Ltd

  D3270D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.1 Current ratings characteristics
Fig.2 Current ratings characteristics
Average forward current (A)
Average
current (A)
forward
120
100
80
60
40
0
400
Fig.3 Current ratings characteristics
Fig.4 Current ratings characteristics
Average
current (A)
forward
Average
current (A)
forward
Fig.5 Forward power loss characteristics
Fig.6
power loss characteristics
Forward
Average forward current (A)
Average forward current (A)
160
800 1200
140
0
5000
1000 2000 3000
4000
0
1000
2000
0
1000
2000
3000
4000
0
2000
3000
4000
5000
4000
3000
2000
1000
0
1000
2000
3000 4000
1600
5000
6000
6000
8000
0
Page 3 of 5
www.nellsemi.com
180
2000
120
100
80
60
40
160
140
180
20
6000
(Double side cooled)
R
(DC) = 0.020 K/W
thJ-hs
Conduction Period
DC
120
100
80
60
40
160
140
180
20
3000
4000
(Double side cooled)
R
(DC) = 0.020 K/W
thJ-hs
Conduction Angle
60°
180°
120°
90°
1000
7000
5000 6000
7000
D3270D Series
120°
180°
90°
0
1000
2000
120
100
80
60
40
160
140
180
20
3000
(Single side cooled)
R
(DC) = 0.042 K/W
thJ-hs
Conduction Period
DC
60°
180°
120°
90°
60°
30°
30°
60°
90°
120°
180°
90°
30°
2800
60°
120°
2400
Conduction Angle
(Single side cooled)
R
(DC) = 0.042 K/W
thJ-hs
180°
4000
30°
30°
RMS Limit
Conduction Angle
T = 180°C
J
9000
30°
60°
90°
120°
180°
DC
RMS Limit
Conduction Period
T = 180°C
J



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com