| Zakładka z wyszukiwarką danych komponentów |
|
MAX802MCSA Arkusz danych(PDF) 1 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX802MCSA Arkusz danych(HTML) 1 Page - Maxim Integrated Products |
|
1 / 12 page ![]() Microprocessor Supervisory Circuits ________________________________________________________________ Maxim Integrated Products 1 1 2 3 4 8 7 6 5 VBATT RESET (RESET) WDI PFO PFI GND VCC VOUT DIP/SO TOP VIEW MAX690A MAX692A MAX802L MAX802M MAX805L ( ) ARE FOR MAX805L ONLY. _________________Pin Configurations VCC NMI I/O LINE GND VCC CMOS RAM GND UNREGULATED DC REGULATED +5V RESET PFO WDI VOUT GND VBATT VCC PFI R1 R2 O.1 µF 3.6V LITHIUM BATTERY MAX690A MAX802L µP RESET __________Typical Operating Circuit Call toll free 1-800-998-8800 for free samples or literature. 19-4333; Rev 3; 9/93 __________________General Description The MAX690A/MAX692A/MAX802L/MAX802M/MAX805L reduce the complexity and number of components required for power-supply monitoring and battery-control functions in microprocessor (µP) systems. They signifi- cantly improve system reliability and accuracy compared to separate ICs or discrete components. These parts provide four functions: 1) A reset output during power-up, power-down, and brownout conditions. 2) Battery-backup switching for CMOS RAM, CMOS µP, or other low-power logic. 3) A reset pulse if the optional watchdog timer has not been toggled within 1.6sec. 4) A 1.25V threshold detector for power-fail warning or low-battery detection, or to monitor a power supply other than +5V. The parts differ in their reset-voltage threshold levels and reset outputs. The MAX690A/MAX802L/MAX805L generate a reset pulse when the supply voltage drops below 4.65V, and the MAX692A/MAX802M generate a reset below 4.40V. The MAX802L/MAX802M guaran- tee power-fail accuracies to ±2%. The MAX805L is the same as the MAX690A except that RESET is provided instead of RESET. All parts are available in 8-pin DIP and SO packages. The MAX690A/MAX802L are pin compatible with the MAX690 and MAX694. The MAX692A/MAX802M are pin compatible with the MAX692. _______________________Applications Battery-Powered Computers and Controllers Intelligent Instruments Automotive Systems Critical µP Power Monitoring ___________________________Features o Precision Supply-Voltage Monitor: 4.65V for MAX690A/MAX802L/MAX805L 4.40V for MAX692A/MAX802M o Reset Time Delay – 200ms o Watchdog Timer – 1.6sec Timeout o Battery-Backup Power Switching o 200µA Quiescent Supply Current o 50nA Quiescent Supply Current in Battery- Backup Mode o Voltage Monitor for Power-Fail or Low-Battery Warning o Power-Fail Accuracy Guaranteed to ±2% (MAX802L/M) o Guaranteed RESET Assertion to V CC = 1V o 8-Pin SO and DIP Packages ______________Ordering Information PART TEMP. RANGE PIN-PACKAGE MAX690ACPA 8 Plastic DIP MAX690ACSA 0°C to +70°C 8 SO MAX690AC/D 0°C to +70°C Dice* MAX690AEPA -40°C to +85°C 8 Plastic DIP MAX690AESA -40°C to +85°C 8 SO MAX690AMJA -55°C to +125°C 8 CERDIP** Ordering Information continued on last page. * Dice are specified at TA = +25°C **Contact factory for availability and processing to MIL-STD-883. 0°C to +70°C |
Podobny numer części - MAX802MCSA |
|
Podobny opis - MAX802MCSA |