Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX802SCSA Arkusz danych(PDF) 12 Page - Maxim Integrated Products

Numer części MAX802SCSA
Szczegółowy opis  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX802SCSA Arkusz danych(HTML) 12 Page - Maxim Integrated Products

Back Button MAX802SCSA Datasheet HTML 4Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 5Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 6Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 7Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 8Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 9Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 10Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 11Page - Maxim Integrated Products MAX802SCSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
3.0V/3.3V Microprocessor Supervisory Circuits
_Ordering Information (continued)
___________________Chip Topography
PART**
TEMP. RANGE
MAX704_CPA
0°C to +70°C
MAX704_CSA
0°C to +70°C
MAX704_C/D
0°C to +70°C
Dice*
8 SO
8 Plastic DIP
PIN-PACKAGE
MAX704_EPA
-40°C to +85°C
MAX704_ESA
-40°C to +85°C
MAX704_MJA
-55°C to +125°C
8 CERDIP
8 SO
8 Plastic DIP
MAX802_CPA
0°C to +70°C
MAX802_CSA
0°C to +70°C
MAX802_C/D
0°C to +70°C
Dice*
8 SO
8 Plastic DIP
MAX802_EPA
-40°C to +85°C
MAX802_ESA
-40°C to +85°C
MAX802_MJA
-55°C to +125°C
8 CERDIP
8 SO
8 Plastic DIP
MAX804_CPA
0°C to +70°C
MAX804_CSA
0°C to +70°C
MAX804_C/D
0°C to +70°C
Dice*
8 SO
8 Plastic DIP
MAX804_EPA
-40°C to +85°C
MAX804_ESA
-40°C to +85°C
MAX804_MJA
-55°C to +125°C
8 CERDIP
8 SO
8 Plastic DIP
MAX805_CPA
0°C to +70°C
MAX805_CSA
0°C to +70°C
MAX805_C/D
0°C to +70°C
Dice*
8 SO
8 Plastic DIP
MAX805_EPA
-40°C to +85°C
MAX805_ESA
-40°C to +85°C
MAX805_MJA
-55°C to +125°C
8 CERDIP
8 SO
8 Plastic DIP
MAX806_CPA
0°C to +70°C
MAX806_CSA
0°C to +70°C
MAX806_C/D
0°C to +70°C
Dice*
8 SO
8 Plastic DIP
MAX806_EPA
-40°C to +85°C
MAX806_ESA
-40°C to +85°C
MAX806_MJA
-55°C to +125°C
8 CERDIP
8 SO
8 Plastic DIP
* Contact factory for dice specifications.
** These parts offer a choice of reset threshold voltage. Select
the letter corresponding to the desired nominal reset threshold
voltage (T = 3.075V, S = 2.925V, R = 2.625V) and insert it into
the blank to complete the part number.
WDI
[MR]
RESET
(RESET)
GND
VCC
VBATT
VOUT
PFI
PFO
0.110"
(2.794mm)
0.080"
(2.032mm)
( ) ARE FOR MAX804T/S/R, MAX805T/S/R.
[ ] ARE FOR MAX704T/S/R, MAX806T/S/R.
TRANSISTOR COUNT: 802;
SUBSTRATE IS CONNECTED TO THE HIGHER OF
VCC OR VBATT, AND MUST BE FLOATED IN ANY
HYBRID DESIGN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com