Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX804SC/D Arkusz danych(PDF) 10 Page - Maxim Integrated Products

Numer części MAX804SC/D
Szczegółowy opis  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804SC/D Arkusz danych(HTML) 10 Page - Maxim Integrated Products

Back Button MAX804SC/D Datasheet HTML 4Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 5Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 6Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 7Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 8Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 9Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 10Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 11Page - Maxim Integrated Products MAX804SC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3.0V/3.3V Microprocessor Supervisory Circuits
10
______________________________________________________________________________________
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
VCC
GND
0V
TO
µP
VL = R1 VPFT
PFI
PFO
R1
R2
R3
*OPTIONAL
C1*
VIN
VTRIP
VIN
PFO
0V
VH
VL
R1 + R2
R2
VH = (VPFT + VPFH) (R1)
VTRIP = VPFT
+
R1
1
+
R2
1
R3
1
–
R3
VCC
VPFT = 1.237V
VPFH = 10mV
WHERE
VCC
GND
TO
µP
PFI
PFO
R1
R2
R3
*OPTIONAL
C1*
VIN
R1 + R2
R2
VH = R1 (VPFT + VPFH)
VTRIP = VPFT
+
R1
1
+
R2
1
R3
1
–
R3
(VCC - VD)
VPFT = 1.237V
VPFH = 10mV
VD = DIODE FORWARD VOLTAGE DROP
VL = VTRIP
WHERE
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
0V
PFO
0V
VH
VIN
VTRIP
b
a
(
)
(
)
(
)
(
)
+
R1
1
+
R2
1
R3
1
(
)
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
VCC
GND
PFI
PFO
R1
R2
V-
0V
V-
PFO
VTRIP
VL
VPFT = 1.237V
VPFH = 10mV
WHERE
3.0V OR 3.3V
VTRIP = R2
+
R1
1
)
(
R2
1
–
R1
VCC
(VPFT + VPFH)
VL = R2
+
R1
1
)
(
R2
1
–
R1
VCC
(VPFT)
NOTE: VTRIP IS NEGATIVE
VCC
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
VCC
GND
PFI
PFO
R1
R2
PFO
VTRIP
VH
* MAX704T/S/R,
MAX806T/S/R ONLY
3.0V OR 3.3V
VIN
VTRIP =
)
(
R2
R1 + R2
VPFT
VH = (VPFT + VPFH)
VCC
VIN
MR
*
b
a
)
(
R2
R1 + R2
Figure 4. a) Adding Additional Hysteresis to the Power-Fail Comparator
b) Shifting the Additional Hysteresis above VPFT
Figure 5. Using the Power-Fail Comparator to Monitor an Additional Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com